Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2621STRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2621STRT
Description  500kHz Voltage Mode PWM Controller With Linear Power Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621STRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC2621STRT Datasheet HTML 1Page - Semtech Corporation SC2621STRT Datasheet HTML 2Page - Semtech Corporation SC2621STRT Datasheet HTML 3Page - Semtech Corporation SC2621STRT Datasheet HTML 4Page - Semtech Corporation SC2621STRT Datasheet HTML 5Page - Semtech Corporation SC2621STRT Datasheet HTML 6Page - Semtech Corporation SC2621STRT Datasheet HTML 7Page - Semtech Corporation SC2621STRT Datasheet HTML 8Page - Semtech Corporation SC2621STRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2621
Pin Configuration
Ordering Information
Pin Descriptions
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2). Lead free product. This product is fully WEEE and
RoHS compliant.
s
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
T
R
T
S
1
2
6
2
C
S
)
2
(
)
1
(
4
1
-
O
S
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
P.
n
i
a
r
d
T
E
F
S
O
M
-
N
m
o
tt
o
b
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
e
d
o
n
e
s
a
h
P
2G
O
D
L
.
e
t
a
g
T
E
F
S
O
M
-
N
l
a
n
r
e
t
x
e
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
e
v
ir
d
e
t
a
g
O
D
L
l
a
n
r
e
t
x
E
3B
F
D
L
.t
u
p
t
u
o
r
o
t
a
l
u
g
e
r
r
a
e
n
il
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
k
c
a
b
d
e
e
f
O
D
L
l
a
n
r
e
t
x
E
4S
C
O
m
a
r
g
o
r
p
o
t
d
n
u
o
r
g
o
t
d
n
a
n
i
p
V
R
D
o
t
n
i
p
s
i
h
t
m
o
r
f
s
r
o
t
s
i
s
e
r
t
c
e
n
n
o
C
.
g
n
it
t
e
s
ti
m
il
t
n
e
r
r
u
C
.
s
li
a
t
e
d
r
o
f
n
o
it
c
e
S
n
o
it
a
m
r
o
f
n
I
s
n
o
it
a
c
il
p
p
A
o
t
r
e
f
e
R
.t
n
e
r
r
u
c
d
a
o
l
f
o
t
n
i
o
p
p
ir
t
e
h
t
5B
F.r
e
t
r
e
v
n
o
c
k
c
u
b
s
u
o
n
o
r
h
c
y
s
f
o
k
c
a
b
d
e
e
f
e
g
a
tl
o
V
6P
M
O
C.
n
o
it
a
s
n
e
p
m
o
c
r
o
f
t
u
p
t
u
o
r
e
if
il
p
m
a
r
o
r
r
E
7C
N.
n
o
it
c
e
n
n
o
c
o
N
8C
C
V.
y
l
p
p
u
s
r
e
w
o
p
t
u
p
n
i
p
i
h
C
9D
N
G.
d
n
u
o
r
g
p
i
h
C
0
1L
D.
T
E
F
S
O
M
m
o
tt
o
b
r
o
f
e
v
ir
d
e
t
a
G
1
1V
R
D
r
o
f
d
n
u
o
r
g
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
ti
s
a
p
a
c
c
i
m
a
r
e
c
F
u
1
a
t
c
e
n
n
o
C
.t
u
p
t
u
o
O
D
L
l
a
n
r
e
t
n
I
.
s
r
e
v
ir
d
e
t
a
g
g
n
i
d
u
l
c
n
i
,
s
a
i
b
p
i
h
c
r
o
f
d
e
s
u
s
i
e
g
a
tl
o
v
s
i
h
T
.
g
n
il
p
u
o
c
e
d
2
1T
S
B.
s
a
i
b
e
v
ir
d
e
t
a
g
p
o
t
r
o
f
t
u
p
n
i
t
s
o
o
B
3
1C
N.
n
o
it
c
e
n
n
o
c
o
N
4
1H
D.
T
E
F
S
O
M
p
o
t
r
o
f
e
v
ir
d
e
t
a
G
1
2
3
4
5
6
7
DH
PN
TOP VIEW
(SO-14)
13
12
14
11
10
NC
LDOG
BST
LDFB
DRV
OCS
DL
FB
GND
COMP
VCC
NC
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com