Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1470ITSTR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1470ITSTR
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470ITSTR Datasheet(HTML) 2 Page - Semtech Corporation

  SC1470ITSTR Datasheet HTML 1Page - Semtech Corporation SC1470ITSTR Datasheet HTML 2Page - Semtech Corporation SC1470ITSTR Datasheet HTML 3Page - Semtech Corporation SC1470ITSTR Datasheet HTML 4Page - Semtech Corporation SC1470ITSTR Datasheet HTML 5Page - Semtech Corporation SC1470ITSTR Datasheet HTML 6Page - Semtech Corporation SC1470ITSTR Datasheet HTML 7Page - Semtech Corporation SC1470ITSTR Datasheet HTML 8Page - Semtech Corporation SC1470ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
Absolute Maximum Ratings (1)
Electrical Characteristics
Test Conditions: V
BAT = 15V, EN/PSV = 5V, VCCA = VDDP = 5V, VOUT = 1.25V, RTON = 1MΩ
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
s
e
il
p
p
u
S
t
u
p
n
I
A
C
C
V
0
.
55
.
45
.
5V
P
D
D
V
0
.
55
.
45
.
5V
e
g
a
tl
o
V
t
u
p
n
I
T
A
B
Vs
n
0
0
8
>
e
m
it
ff
O8
.
15
2V
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
P
D
D
VI
,t
n
i
o
p
n
o
it
a
l
u
g
e
r
>
B
F
D
A
O
L
A
0
=0
70
5
1A
µ
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
A
C
C
VI
,t
n
i
o
p
n
o
it
a
l
u
g
e
r
>
B
F
D
A
O
L
A
0
=0
0
70
0
1
1A
µ
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
N
O
TR
N
O
T
M
1
=
Ω
5
1A
µ
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SV
0
=
V
S
P
/
N
E5
-0
1
-A
µ
A
C
C
V5
0
1A
µ
N
O
T
,
P
D
D
V0
1
A
µ
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may
affect device reliability.
Notes:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2) Measured in accordance with JESD51-1, JESD51-2 and JESD51-7.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
A
S
S
V
o
t
N
O
T
0
.
5
2
+
o
t
3
.
0
-V
D
N
G
P
o
t
T
S
B
,
H
D
0
.
0
3
+
o
t
3
.
0
-V
D
N
G
P
o
t
X
L
0
.
5
2
+
o
t
0
.
2
-V
A
S
S
V
o
t
D
N
G
P
3
.
0
+
o
t
3
.
0
-V
X
L
o
t
T
S
B
0
.
6
+
o
t
3
.
0
-V
D
N
G
P
o
t
P
D
D
V
,
M
I
L
I
,
L
D
0
.
6
+
o
t
3
.
0
-V
A
S
S
V
o
t
T
U
O
V
,
A
C
C
V
,
D
G
P
,
B
F
,
V
S
P
/
N
E
0
.
6
+
o
t
3
.
0
-V
T
U
O
V
,
D
G
P
,
B
F
,
V
S
P
/
N
E
o
t
A
C
C
V
0
.
6
+
o
t
3
.
0
-V
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
2
(
θ
A
J
0
0
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com