Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSP400-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDSP400-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSP400-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDSP400-HF Datasheet HTML 1Page - Comchip Technology CDSP400-HF Datasheet HTML 2Page - Comchip Technology CDSP400-HF Datasheet HTML 3Page - Comchip Technology CDSP400-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Switching Diodes
QW-J0025
Page 3
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Reel Taping Specification
Trailer Tape
100±4 Empty Pockets
200±4 Empty Pockets
Leader Tape
Components
W
B
C
E
F
P0
P1
P
A
D1
D2
D
W1
2.00 Typ
4.00 Typ
SYMBOL
(mm)
(inch)
0.079 Typ
0.157 Typ
E
F
P
P0
P1
W
W1
1.75 Typ
0.069 Typ
3.50 Typ
0.138 Typ
SOD-723
12.30 Typ
0.484 Typ
8.00 Typ
0.315
Typ
B
C
d
D
D2
D1
SOD-723
SYMBOL
(mm)
(inch)
2.142 Typ
1.50 Typ
54.40 Typ
13.00 Typ
178.00 Typ
0.059 Typ
7.008 Typ
0.512 Typ
0.73 Typ
0.029 Typ
1.71 Typ
0.067 Typ
0.62 Typ
0.024 Typ
A
2.00 Typ
0.079 Typ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com