Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600EVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC600EVB
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600EVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC600EVB Datasheet HTML 11Page - Semtech Corporation SC600EVB Datasheet HTML 12Page - Semtech Corporation SC600EVB Datasheet HTML 13Page - Semtech Corporation SC600EVB Datasheet HTML 14Page - Semtech Corporation SC600EVB Datasheet HTML 15Page - Semtech Corporation SC600EVB Datasheet HTML 16Page - Semtech Corporation SC600EVB Datasheet HTML 17Page - Semtech Corporation SC600EVB Datasheet HTML 18Page - Semtech Corporation SC600EVB Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Land Pattern - MLPD-10
.087
.055
2.20
1.40
.150
.020
.012
.037
3.80
0.30
0.95
0.50
(.112)
.075
1.90
(2.85)
K
H
X
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
INCHES
DIMENSIONS
G
K
H
X
Y
P
Z
C
DIM
MILLIMETERS
Y
Z
G
(C)
P
www.semtech.com
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805) 498-2111 FAX (805) 498-3804
Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com