Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4602BIMSTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4602BIMSTRT
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602BIMSTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4602BIMSTRT Datasheet HTML 9Page - Semtech Corporation SC4602BIMSTRT Datasheet HTML 10Page - Semtech Corporation SC4602BIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4602BIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4602BIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4602BIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4602BIMSTRT Datasheet HTML 15Page - Semtech Corporation SC4602BIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4602BIMSTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Applications Information (Cont.)
Where:
R = load resistance and
R
C = C4’s ESR.
The compensation network will have the characteristic
as follows:
2
P
2
Z
1
P
1
Z
I
COMP
s
1
s
1
s
1
s
1
s
)
s
(
G
ω
+
⋅
ω
+
⋅
ω
+
ω
+
⋅
ω
=
Where:
)
C
C
(
R
1
2
1
7
I
+
⋅
=
ω
2
1
1
Z
C
R
1
⋅
=
ω
9
8
7
2
Z
C
)
R
R
(
1
⋅
+
=
ω
2
1
1
2
1
1
P
C
C
R
C
C
⋅
⋅
+
=
ω
9
8
2
P
C
R
1
⋅
=
ω
After the compensation, the converter will have the fol-
lowing loop gain:
4
1
2
1
4
C
2
P
2
Z
1
P
1
Z
I
I
M
VD
COMP
PWM
C
L
s
R
L
s
1
C
R
1
s
1
s
1
s
1
s
1
s
1
s
V
V
1
)
s
(
G
)
s
(
G
G
)
s
(
T
+
+
⋅
+
⋅
ω
+
⋅
ω
+
⋅
ω
+
ω
+
⋅
⋅
ω
⋅
=
⋅
⋅
=
Where:
G
PWM = PWM gain and
V
M = 1.5V, ramp peak to valley voltage of SC4602A/B.
The design guidelines for the SC4602A/B applications
are as following:
1. Set the loop gain crossover corner frequency
ω
C for
given switching corner frequency
ω
S =2pfs,
2. Place an integrator at the origin to increase DC and
low frequency gains,
3. Select
ω
Z1 and ωZ2 such that they are placed near
ω
O to damp the peaking and the loop gain has a
-20dB/dec rate to go across the 0dB line for
obtaining a wide bandwidth,
4. Cancel the zero from C
4’s ESR by a compensator
pole
ω
P1 (ωP1 = ωESR = 1/( RCC4)),
5. Place a high frequency compensator pole
ωp
2 (ωp2
= pf
s) to get the maximum attenuation of the
switching
ripple and high frequency noise with the adequate
phase lag at
ω
C.
The compensated loop gain will be as given in Figure 4:
-20dB/dec
0dB
Gd
T
ωZ1
ω
Z2
p1
p2
c
ESR
ωo
ω
ω
ω
ω
Loop gain T(s)
Power stage GVD(s)
-40dB/dec
Figure 4. Asymptotic diagrams of power stage and its
loop gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com