Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4602AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4602AEVB
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4602AEVB Datasheet HTML 8Page - Semtech Corporation SC4602AEVB Datasheet HTML 9Page - Semtech Corporation SC4602AEVB Datasheet HTML 10Page - Semtech Corporation SC4602AEVB Datasheet HTML 11Page - Semtech Corporation SC4602AEVB Datasheet HTML 12Page - Semtech Corporation SC4602AEVB Datasheet HTML 13Page - Semtech Corporation SC4602AEVB Datasheet HTML 14Page - Semtech Corporation SC4602AEVB Datasheet HTML 15Page - Semtech Corporation SC4602AEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
For the top MOSFET, its total power loss includes its con-
duction loss, switching loss, gate charge loss, output ca-
pacitance loss and the loss related to the reverse recov-
ery of the bottom diode, shown as follows:
s
I
rr
OSS
s
GATE
GT
2
GS
GD
G
GATE
s
I
PEAK
_
TOP
ON
_
TOP
RMS
_
TOP
2
TOTAL
_
TOP
f
V
)
Q
Q
(
f
V
Q
)
Q
Q
(
R
V
f
V
I
R
I
P
⋅
⋅
+
+
⋅
⋅
+
+
⋅
⋅
⋅
+
⋅
=
Where:
R
G = gate drive resistor,
Q
GD = the gate to drain charge of the top MOSFET,
Q
GS2 = the gate to source charge of the top MOSFET,
Q
GT = the total gate charge of the top MOSFET,
Q
OSS = the output charge of the top MOSFET and
Q
rr = the reverse recovery charge of the bottom diode.
For the top MOSFET, it experiences high current and high
voltage overlap during each on/off transition. But for the
bottom MOSFET, its switching voltage is the bottom
diode’s forward drop during its on/off transition. So the
switching loss for the bottom MOSFET is negligible. Its
total power loss can be determined by:
F
AVG
D
s
GATE
GB
ON
_
BOT
RMS
_
BOT
2
TOTAL
_
BOT
V
_
I
f
V
Q
R
I
P
⋅
+
⋅
⋅
+
⋅
=
Where:
Q
GB = the total gate charge of the bottom MOSFET and
V
F = the forward voltage drop of the bottom diode.
For a low voltage and high output current application such
as the 3.3V/1.5V@6A case, the conduction loss is often
dominant and selecting low R
DS(ON) MOSFETs will notice-
ably improve the efficiency of the converter even though
they give higher switching losses.
The gate charge loss portion of the top/bottom MOSFET’s
total power loss is derived from the SC4602A/B. This
gate charge loss is based on certain operating conditions
(f
s, VGATE, and IO).
The thermal estimations have to be done for both
MOSFETs to make sure that their junction temperatures
do not exceed their thermal ratings according to their
total power losses P
TOTAL, ambient temperature Ta and their
thermal resistances R
θ
ja as follows:
ja
TOTAL
a
(max)
j
R
P
T
T
θ
+
<
Applications Information (Cont.)
Loop Compensation Design
For a DC/DC converter, it is usually required that the
converter has a loop gain of a high cross-over frequency
for fast load response, high DC and low frequency gain
for low steady state error, and enough phase margin for
its operating stability. Often one can not have all these
properties at the same time. The purpose of the loop
compensation is to arrange the poles and zeros of the
compensation network to meet the requirements for a
specific application.
The SC4602A/B has an internal error amplifier and re-
quires the compensation network to connect among the
COMP pin and VSENSE pin, GND, and the output as
shown in Figure 3. The compensation network includes
C1, C2, R1, R7, R8 and C9.
R9 is used to program the output voltage according to:
)
R
R
1
(
8
.
0
V
9
7
O
+
⋅
=
C2
R1
C1
Vo
L1
C4
C9
R8
R7
R9
SC4602A/B
VCC
SYNC/SLEEP
COMP
VSENSE
PHASE
GND
NDRV
PDRV
C2
R1
C1
Vo
L1
C4
C9
R8
R7
R9
SC4602A/B
VCC
SYNC/SLEEP
COMP
VSENSE
PHASE
GND
NDRV
PDRV
Figure 3. Compensation network provides 3
poles and 2 zeros.
For voltage mode step down applications as shown in
Figure 3, the power stage transfer function is:
4
1
2
1
4
C
I
VD
C
L
s
R
L
s
1
C
R
1
s
1
V
)
s
(
G
+
+
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com