Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1101CSTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1101CSTRT
Description  Asynchronous Voltage Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1101CSTRT Datasheet(HTML) 6 Page - Semtech Corporation

  SC1101CSTRT Datasheet HTML 1Page - Semtech Corporation SC1101CSTRT Datasheet HTML 2Page - Semtech Corporation SC1101CSTRT Datasheet HTML 3Page - Semtech Corporation SC1101CSTRT Datasheet HTML 4Page - Semtech Corporation SC1101CSTRT Datasheet HTML 5Page - Semtech Corporation SC1101CSTRT Datasheet HTML 6Page - Semtech Corporation SC1101CSTRT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1101
PIN Descriptions
Typical Characteristics
Error Amplifier, Gain and Phase
Load Regulation
V
IN = 5V
Line Regulation
V
O = 2.5V; IO = 10A
Efficiency
V
IN = 5V
-10
-5
0
5
10
15
20
25
30
35
40
100.0E+0
1.0E+3
10.0E+3
100.0E+3
1.0E+6
10.0E+6
Frequency (Hz)
-45
0
45
90
135
180
Gain
Phase
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
1.5%
2.0%
4.500
4.750
5.000
5.250
5.500
Input Voltage, (V)
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
02
46
8
10
12
Output Current, (A)
3.3V
2.5V
1.8V
60%
65%
70%
75%
80%
85%
90%
95%
100%
02
468
10
12
Output Current, (A)
3.3V
2.5V
1.8V
Output Ripple Voltage
V
IN = 5V; VO = 3.3V; IO = 10A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com