Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9110 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9110
Description  High-Voltage Current-Mode PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9110 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9110_07 Datasheet HTML 1Page - Supertex, Inc HV9110_07 Datasheet HTML 2Page - Supertex, Inc HV9110_07 Datasheet HTML 3Page - Supertex, Inc HV9110_07 Datasheet HTML 4Page - Supertex, Inc HV9110_07 Datasheet HTML 5Page - Supertex, Inc HV9110_07 Datasheet HTML 6Page - Supertex, Inc HV9110_07 Datasheet HTML 7Page - Supertex, Inc HV9110_07 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV9110
Electrical Characteristics
(Unless otherwise specified, V
DD = 10V, +VIN = 48V, Discharge = -VIN = 0V, RBIAS = 390KΩ, ROSC = 330KΩ, TA = 25°C.)
Sym
Parameter
#
Min
Typ
Max
Units
Conditions
Reference
V
REF
Output voltage
-
3.92
4.00
4.08
V
R
L = 10MΩ
-
3.82
4.00
4.16
R
L = 10MΩ
T
A = -55°C to 125°C
Z
OUT
Output impedence
#
15
30
45
KΩ
---
I
SHORT
Short circuit current
-
-
125
250
μA
V
REF = -VIN
ΔV
REF
Change in V
REF with temperature
#
-
0.25
-
mV/°C
T
A = -55°C to 125°C
Oscillator
f
MAX
Oscillator frequency
-
1.0
3.0
-
MHz
R
OSC = 1.0MΩ
f
OSC
Initial accuracy(1)
-
80
100
120
KHz
R
OSC = 330KΩ
-
160
200
240
R
OSC = 150KΩ
-
Voltage stability
-
-
-
15
%
V
SYNC = 0.1V
-
Temperature coefficient
#
-
170
-
ppm/°C
T
A = -55°C to 125°C
PWM
D
MAX
Maximum duty cycle
-
49.0
49.4
49.6
%
---
D
MIN
Deadtime
#
-
-
-
ns
---
Minimum duty cycle
-
-
-
0
%
---
Maximum pulse width before pulse
drops out
#
-
80
125
ns
---
Current Limit
Maximum input signal
-
1.0
1.2
1.4
V
V
FB = 0V
t
D
Delay to output
#
-
80
120
ns
V
SENSE = 1.5V,
V
COMP ≤ 2.0V
Error Amplifier
V
FB
Feedback voltage
-
3.96
4.00
4.04
V
V
FB shorted to comp
I
IN
Input bias current
-
-
25
500
nA
V
FB = 4.0V
V
OS
Input offset voltage
-
nulled during trim
-
---
A
VOL
Open loop voltage gain
#
60
80
-
dB
---
GB
Unity gain bandwidth
#
1.0
1.3
-
MHz
---
Z
OUT
Out impedance
#
see Fig. 1
Ω
---
I
SOURCE
Output source current
-
-1.4
-2.0
-
mA
V
FB = 3.4V
I
SINK
Output sink current
-
0.12
0.15
-
mA
V
FB = 4.5V
PSRR
Power supply rejection
#
see Fig. 2
dB
---
Notes:
#
Guaranteed by design. Not subject to production test.
(1) Stray capacitance on OSC In pin must be ≤5pF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com