Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB5341B Datasheet(PDF) 4 Page - Anova Technologies CO., LTD.

Part # SMB5341B
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SMB5341B Datasheet(HTML) 4 Page - Anova Technologies CO., LTD.

  SMB5341B Datasheet HTML 1Page - Anova Technologies CO., LTD. SMB5341B Datasheet HTML 2Page - Anova Technologies CO., LTD. SMB5341B Datasheet HTML 3Page - Anova Technologies CO., LTD. SMB5341B Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMB5338B-SMB5388B
www.anova-semi.com
Revision: E
Nov-07-2018
P. 4
Maximum
DC Zener
Current
VZ @ IZT
IZT
ZZT @ IZT ZZK @ IZK
IZK
IZM
(V)
(mA)
(Ω)
(Ω)
(mA)
(μA)
(V)
(mA)
SMB5386B
386B
180.0
5
430.0
1750
1
0.5
137.0
26.4
SMB5387B
387B
190.0
5
450.0
1850
1
0.5
144.0
25.0
SMB5388B
388B
200.0
5
480.0
1850
1
0.5
152.0
23.6
Notes :
on IZT per JEDEC method
(1) The type number listed have a standard tolerance on the nominal zener voltage of ± 5 %
(2) The revese surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
Device
Marking
Code
Nominal Zener
Voltage
Maximum Zener Impedance
Maximum Reverse
Leakage Current
IR @ VR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com