Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1102EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1102EVB
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC1102EVB Datasheet HTML 1Page - Semtech Corporation SC1102EVB Datasheet HTML 2Page - Semtech Corporation SC1102EVB Datasheet HTML 3Page - Semtech Corporation SC1102EVB Datasheet HTML 4Page - Semtech Corporation SC1102EVB Datasheet HTML 5Page - Semtech Corporation SC1102EVB Datasheet HTML 6Page - Semtech Corporation SC1102EVB Datasheet HTML 7Page - Semtech Corporation SC1102EVB Datasheet HTML 8Page - Semtech Corporation SC1102EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1102/SC1102A
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
N
O
I
T
C
E
T
O
R
P
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
P
V
O
0
2%
t
n
e
r
r
u
C
e
c
r
u
o
S
P
V
OV
P
V
O
V
3
=0
1A
m
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
P8
82
1
1%
e
m
i
T
d
a
e
D5
40
0
1s
n
k
n
i
s
I
t
e
S
t
n
e
r
r
u
c
r
e
v
OV
0
.
2
≤ V
T
E
S
C
O
≤
V
2
10
8
10
0
20
2
2A
µ
e
c
n
e
r
e
f
e
R
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RC
°
0
7
o
t
C
°
02
5
2
.
15
6
2
.
18
7
2
.
1V
y
c
a
r
u
c
c
A1
-1
+%
t
r
a
t
S
t
f
o
S
t
n
e
r
r
u
C
e
g
r
a
h
CV
S
S
V
5
.
1
=0
.
80
12
1A
µ
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
DV
S
S
V
5
.
1
=5
.
1A
µ
NOTES:
(1) Specification refers to application circuit (Figure 1).
(2) This device is ESD sensitive. Use of standard ESD handling precautions is required.
Unless specified: V
CC = 4.75V to 12.6V; GND = PGND = 0V; FB = VO; VBSTL = 12V; VBSTH-PHASE = 12V; TJ = 25
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com