Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY30 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZPY30
Description  Silicon Power Z-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZPY30 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZPY30 Datasheet HTML 1Page - Diotec Semiconductor ZPY30 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZPY10 2% ... ZPY200 2% (1.3 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Mess-Strom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZPY10 2%
9.79
10.21
50
2 (<4)
+5…+9
> 5
123
ZPY11 2%
10.79
11.21
50
4 (<7)
+5…+10
> 5
112
ZPY12 2%
11.79
12.21
50
4 (<7)
+5…+10
> 7
102
ZPY13 2%
12.68
13.32
50
5 (<10)
+5…+10
> 7
92
ZPY15 2%
14.68
15.32
50
5 (<10)
+5…+10
> 10
83
ZPY16 2%
15.68
16.32
25
6 (<15)
+6…+11
> 10
76
ZPY18 2%
17.58
18.42
25
6 (<15)
+6…+11
> 10
68
ZPY20 2%
19.58
20.42
25
6 (<15)
+6…+11
> 10
61
ZPY22 2%
21.58
22.42
25
6 (<15)
+6…+11
> 12
56
ZPY24 2%
23.48
24.52
25
7 (<15)
+6…+11
> 12
51
ZPY27 2%
26.48
27.52
25
7 (<15)
+6…+11
> 14
45
ZPY30 2%
29.38
30.62
25
8 (<15)
+6…+11
> 14
41
ZPY33 2%
32.3
33.8
25
8 (<15)
+6…+11
> 17
37
ZPY36 2%
35.2
36.8
10
16 (<40)
+6…+11
> 17
34
ZPY39 2%
38.1
39.9
10
20 (<40)
+6…+11
> 20
32
ZPY43 2%
42.0
44.0
10
24 (<45)
+7…+12
> 20
28
ZPY47 2%
46.0
48.0
10
24 (<45)
+7…+12
> 24
26
ZPY51 2%
49.9
52.1
10
25 (<60)
+7…+12
> 24
24
ZPY56 2%
54.8
57.2
10
25 (<60)
+7…+12
> 28
22
ZPY62 2%
60.7
63.3
10
25 (<80)
+8…+13
> 28
20
ZPY68 2%
66.5
69.5
10
25 (<80)
+8…+13
> 34
18
ZPY75 2%
73.4
76.6
10
30 (<100)
+8…+13
> 34
16
ZPY82 2%
80.3
83.7
10
30 (<100)
+8…+13
> 41
15
ZPY91 2%
89.1
92.9
5
40 (<200)
+9…+13
> 41
14
ZPY100 2%
97.9
102.1
5
60 (<200)
+9…+13
> 50
12
ZPY110 2%
108
112
5
80 (<250)
+9…+13
> 50
12
ZPY120 2%
118
122
5
80 (<250)
+9…+13
> 60
11
ZPY130 2%
127
133
5
90 (<300)
+9…+13
> 60
10
ZPY150 2%
147
153
5
100 (<300)
+9…+13
> 75
8
ZPY160 2%
157
163
5
110 (<350)
+9…+13
> 75
8
ZPY180 2%
176
184
5
120 (<350)
+9…+13
> 90
7
ZPY200 2%
196
204
5
150 (<350)
+9…+13
> 90
6
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com