Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1175CSW.TR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1175CSW.TR
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175CSW.TR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1175CSW.TR Datasheet HTML 4Page - Semtech Corporation SC1175CSW.TR Datasheet HTML 5Page - Semtech Corporation SC1175CSW.TR Datasheet HTML 6Page - Semtech Corporation SC1175CSW.TR Datasheet HTML 7Page - Semtech Corporation SC1175CSW.TR Datasheet HTML 8Page - Semtech Corporation SC1175CSW.TR Datasheet HTML 9Page - Semtech Corporation SC1175CSW.TR Datasheet HTML 10Page - Semtech Corporation SC1175CSW.TR Datasheet HTML 11Page - Semtech Corporation SC1175CSW.TR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
 2004 Semtech Corp.
www.semtech.com
SC1175
POWER MANAGEMENT
Typical Characteristics - 2 Channels with Current Sharing
Figure 1:
Figure 1:
Figure 1:
Figure 1:
Figure 1: V
OUT vs IIN(5V) and IIN(12V) with VCC applied and 4A load. Soft start capacitor = 10nF.
Ch1: V
OUT
Ch2: I
IN(5V) (1A/Div)
Ch4: I
IN(12V) (1A/Div)
I
OUT:
4.004 Amps
Figure 2:
Figure 2:
Figure 2:
Figure 2:
Figure 2: V
OUT vs IIN(5V) and IIN(12V) with VCC removed and 4A load. Soft start capacitor = 10nF.
Ch1: V
OUT
Ch2: I
IN(5V) (1A/Div)
Ch4: I
IN(12V) (1A/Div)
I
OUT: 4.004 Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com