Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1175CSWTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1175CSWTRT
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175CSWTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1175CSWTRT Datasheet HTML 3Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 4Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 5Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 6Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 7Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 8Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 9Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 10Page - Semtech Corporation SC1175CSWTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
 2004 Semtech Corp.
www.semtech.com
SC1175
POWER MANAGEMENT
their own current limits, identical to the independent
channel case.
Power Good
The controller provides a power good signal. This is an
open collector output, which is pulled low if the output
voltage is outside of the power good window.
Soft Start/Enable
The Soft Start/Enable (SS/ENA) pin serves several func-
tions. If held below the Soft Start Enable threshold, both
channels are inhibited. DH1 and DH2 will be low, turning
off the top FETs. Between the Soft Start Enable thresh-
old and the Soft Start End threshold, the duty cycle is
allowed to increase. At the Soft Start End threshold,
maximum duty cycle is reached. In practical applications
the error amplifier will be controlling the duty cycle be-
fore the Soft Start End threshold is reached. To avoid
boost problems during startup in current share mode,
both channels start up in asynchronous mode, and the
bottom FET body diode is used for recirculating current
during the FET off time. When the SS/ENA pin reaches
the Soft Start Transition threshold, the channels begin
operating in synchronous mode for improved efficiency.
The soft start pin sources approximately 25uA and soft
start timing can be set by selection of an appropriate
soft start capacitor value.
SENSE RESISTOR SELECTION
Current Sharing Mode
Calculation of the three programming resistors to achieve
sharing. Three resistors will determine the current shar-
ing load line. First the offset resistor will ensure that the
load line crosses the origin (0 Amp on each channel) for
sharing at light current. A pull up resistor from the 5V
bias (V
CC of the chip) will be used. For low duty cycle on
the slave channel (below 50%), the pull up will be on pin
Applications Information - Theory of Operation
3. For high duty cycle on the slave channel (above 50%),
the pull up will be on pin 2.
The formula is:
SLAVE
OUT
OUT
up
pull
V
1
.
V
5
.
V
5
X
1
.
2
)
K
(
R
+
−
−
=
Ω
−
100
Ω being the value of the resistors connecting the
pins 2 and 3 to the two output sense resistors.
.1 V is an estimated voltage drop across the MOSFETs.
Positive values go to pin 3, negative to pin 2.
A +20K will be a 20K on pin 3.
A -20K will be a 20K on pin 2.
Now that the offset resistor has been fixed, we need to
set up the maximum current for each channel.
Selection of R
SENSE 1 for the master channel: (in m ohm)
R
SENSE 1 = 72mV / I max master
Selection of R
SENSE 2 for the slave channel: (in m ohm)
R
SENSE 2 = 72mV / I max slave
The errors will be minimized if the power components
have been sized proportionately to the maximum
currents.
Independent Channels
Calculation of the two current limiting resistors.
There is no need for an offset resistor in the indepen-
dent channels mode, only the two sense resistors are
used:
Selection of R
SENSE 1 for the channel 1: (mohms)
R
SENSE 1 = 72mV / I max ch 1
Selection of R
SENSE 2 for the channel 2: (mohms)
R
SENSE 1 = 72mV / I max ch 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com