Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRIO Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # TRIO
Description  Triple Exciter Diode for Automotive Alternators etc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TRIO Datasheet(HTML) 1 Page - Diotec Semiconductor

  TRIO Datasheet HTML 1Page - Diotec Semiconductor TRIO Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Trio
Trio
Triple Exciter Diode for Automotive Alternators etc
Dreifach-Erregerdiode für Bordnetzgeneratoren etc.
Version 2006-09-21
Nominal output current
Nenn-Ausgangsstrom
4 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
150 V
Plastic case (see next page)
Kunststoffgeh. (siehe nächste Seite)
39.6 x 11.6 x 8.3 [mm]
Weight approx.
Gewicht ca.
35 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Maximum ratings and Characteristics
Grenz- und Kennwerte
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
150 V
Nominal output current
Nenn-Ausgangsstrom
TC = 80°C
IO
4 A
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 4 A
VF
< 1.0 V
Leakage current – Sperrstrom
Tj = 25°C
Tj = 150°C
VR = VRRM
VR = VRRM
IR
IR
< 10 µA
< 2 mA
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-40...+150°C
-40...+120°C
VF difference after heat-up by power pulse, see below
VF Differenz nach Erwärmung durch Leistungspuls, siehe unten
ΔVF
< 100 mV
IM = 10 mA
IF = 15 A
tp = 200 ms
td = 100 µs
ΔVF = VF1 - VF2
© Diotec Semiconductor AG
http://www.diotec.com/
1
3
2
1
4
5


Similar Part No. - TRIO

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
TRIO-PS/1AC/24DC/10 PHOENIX-TRIO-PS/1AC/24DC/10 Datasheet
142Kb / 6P
TRIO-PS/1AC/24DC/10
More results

Similar Description - TRIO

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
E-2702 SOBERTON-E-2702 Datasheet
309Kb / 1P
Exciter
E-2708 SOBERTON-E-2708 Datasheet
264Kb / 1P
Exciter
E-3304 SOBERTON-E-3304 Datasheet
349Kb / 1P
Exciter
E-12041808 SOBERTON-E-12041808 Datasheet
402Kb / 1P
Exciter
E-2702 SOBERTON-E-2702_18 Datasheet
377Kb / 1P
EXCITER
E-2704-1 SOBERTON-E-2704-1 Datasheet
341Kb / 1P
EXCITER
E-2708 SOBERTON-E-2708_18 Datasheet
307Kb / 1P
EXCITER
E-3304 SOBERTON-E-3304_18 Datasheet
440Kb / 1P
EXCITER
E-4408 SOBERTON-E-4408_18 Datasheet
539Kb / 1P
EXCITER
logo
Thinki Semiconductor Co...
KP40P THINKISEMI-KP40P Datasheet
1Mb / 3P
40.0Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com