Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # TIP32
Description  General Purpose Silicon Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP32 Datasheet(HTML) 1 Page - Diotec Semiconductor

  TIP32_07 Datasheet HTML 1Page - Diotec Semiconductor TIP32_07 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP32 ... TIP32C
TIP32 ... TIP32C
PNP
General Purpose Silicon Power Transistors
Silizium Leistungs-Transistoren für universellen Einsatz
PNP
Version 2006-07-18
Dimensions - Maße [mm]
1 = B
2/4 = C
3 = E
Max. power dissipation with cooling
Max. Verlustleistung mit Kühlung
40 W
Collector current
Kollektorstrom
3 A
Plastic case
Kunststoffgehäuse
TO-220AB
Weight approx.
Gewicht ca.
2.2 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
TIP32
TIP32A
TIP32B
TIP32C
Collector-Emitter-voltage
B open
- VCEO
40 V
60 V
80 V
100 V
Collector-Emitter-voltage
E open
- VCES
40 V
60 V
80 V
100 V
Emitter-Base-voltage
C open
- VEBO
5 V
Power dissipation – Verlustleistung
without cooling – ohne Kühlung
with cooling – mit Kühlung
TA = 25°C
TC = 25°C
Ptot
Ptot
2 W 1)
40 W
Collector current – Kollektorstrom (dc)
- IC
3 A
Peak Collector current – Kollektor-Spitzenstrom
- ICM
5 A
Base current – Basisstrom
- IB
1 A
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 2)
- VCE = 4 V, - IC = 1 A
- VCE = 4 V, - IC = 3 A
hFE
hFE
25
10
–
–
–
50
Collector-Emitter saturation volt. – Kollektor-Emitter-Sättigungsspg. 2)
- IC = 3 A, - IB = 375 mA
- VCEsat
–
–
1.2 V
Base-Emitter voltage – Basis-Emitter-Spannung 2)
- VCE = 4 V, - IC = 3 A
- VBE
–
–
1.8 V
1
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
3.8
2.54
0.9
1.5
10±0.2
4
3
2
1
Type
Typ


Similar Part No. - TIP32_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP3220FAA VISHAY-TIP3220FAA Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
TIP3220FAB VISHAY-TIP3220FAB Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
TIP3220FAC VISHAY-TIP3220FAC Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
TIP3220FAD VISHAY-TIP3220FAD Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
TIP3220FAS VISHAY-TIP3220FAS Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
More results

Similar Description - TIP32_07

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC807 LRC-BC807 Datasheet
51Kb / 2P
General Purpose Transistors(PNP Silicon)
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW61BLT1 LRC-BCW61BLT1 Datasheet
258Kb / 6P
General Purpose Transistors(PNP Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCW69LT1 LRC-BCW69LT1 Datasheet
254Kb / 6P
General Purpose Transistors(PNP Silicon)
LBC856ALT1 LRC-LBC856ALT1 Datasheet
148Kb / 7P
General Purpose Transistors PNP Silicon
L2SA1774T1 LRC-L2SA1774T1 Datasheet
207Kb / 3P
General Purpose Transistors PNP Silicon
logo
Diotec Semiconductor
TIP31 DIOTEC-TIP31_07 Datasheet
106Kb / 2P
General Purpose Silicon Power Transistors
logo
AiT Semiconductor Inc.
2SC5658QM AITSEMI-2SC5658QM Datasheet
564Kb / 6P
GENERAL PURPOSE TRANSISTORS NPN SILICON GENERAL
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com