Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31C Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # TIP31C
Description  General Purpose Silicon Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP31C Datasheet(HTML) 2 Page - Diotec Semiconductor

  TIP31C Datasheet HTML 1Page - Diotec Semiconductor TIP31C Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TIP31 ... TIP31C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
VCE = 30 V (B open)
TIP31
TIP31A
ICE0
ICE0
–
–
–
–
300 nA
300 nA
VCE = 60 V (B open)
TIP31B
TIP31C
ICE0
ICE0
–
–
–
–
300 nA
300 nA
VCE = 40 V (B-E short)
VCE = 60 V (B-E short)
TIP31
TIP31A
ICES
ICES
–
–
–
–
200 nA
200 nA
VCE = 80 V (B-E short)
VCE = 100 V (B-E short)
TIP31B
TIP31C
ICES
ICES
–
–
–
–
200 nA
200 nA
Emitter-Base cutoff current
VEB = 5 V, (C open)
IEB0
––
1 mA
Gain-Bandwidth Product – Transitfrequenz
VCE = 10 V, IC = 0.5 A, f = 1 MHz
fT
3 MHz
–
–
Small signal current gain – Kleinsignal-Stromverstärkung
VCE = 10 V, IC = 0.5 A, f = 1 kHz
VCE = 10 V, IC = 0.5 A, f = 1 MHz
hfe
hfe
20
3
–
–
–
–
Switching times – Schaltzeiten (between 10% and 90% levels)
turn-on time
turn-off time
ICon = 1 A
IBon = - IBoff = 100 mA
ton
–
300 ns
–
toff
–1 µs
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 63 K/W 1)
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 3 K/W
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
M4
9 ± 10% lb.in.
1 ± 10% Nm
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
TIP32 ... TIP32C
1
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com