Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8 Datasheet(PDF) 3 Page - Supertex, Inc

Part # LR8
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8 Datasheet(HTML) 3 Page - Supertex, Inc

  LR8 Datasheet HTML 1Page - Supertex, Inc LR8 Datasheet HTML 2Page - Supertex, Inc LR8 Datasheet HTML 3Page - Supertex, Inc LR8 Datasheet HTML 4Page - Supertex, Inc LR8 Datasheet HTML 5Page - Supertex, Inc LR8 Datasheet HTML 6Page - Supertex, Inc LR8 Datasheet HTML 7Page - Supertex, Inc LR8 Datasheet HTML 8Page - Supertex, Inc LR8 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
LR8
Thermal Characteristics
Package
Power Dissipation
@ T
A = 25°C
θ
JC
°C/W
θ
JA
°C/W
TO-92
0.74W
125
170
TO-243AA
1.6W
15
78†
TO-252
2.5W
6.25
50†
†Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Significant PD increase possible on ceramic substrate.
Functional Block Diagram
Overtemp &
Overcurrent
10µA
1.2V
VIN
VOUT
ADJ
LR8
Pass
Element
Typical Application Circuits
LR8
VIN = 17V to 450V
VOUT
ADJ
VIN
*
R1
6.04KΩ
1%
C2
1.0µF
C1
RLOAD ≤16.5KΩ
VOUT = 5.0V
VOUT = 1.20V 1+
R2
R1
+ IADJ R2
R2
18.2KΩ
1%
* Required for conditions where V
IN is less than VOUT
Figure 1: High Input Voltage, 5.0V Output Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com