Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1210 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1210
Description  High Speed Dual MOSFET Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1210 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1210_07 Datasheet HTML 1Page - Supertex, Inc MD1210_07 Datasheet HTML 2Page - Supertex, Inc MD1210_07 Datasheet HTML 3Page - Supertex, Inc MD1210_07 Datasheet HTML 4Page - Supertex, Inc MD1210_07 Datasheet HTML 5Page - Supertex, Inc MD1210_07 Datasheet HTML 6Page - Supertex, Inc MD1210_07 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
MD1210
Ordering Information
DEVICE
Package Option
12-Lead 4x4x0.8pitch QFN
MD1210
MD1210K6-G
Absolute Maximum Ratings
Parameter
Value
V
DD1,VDD2, VH - supply voltage
-0.5V to +13.5V
V
SS1,VSS2, VL - supply voltage
0V
Logic input levels
-0.5V to 7.0V
Maximum junction temperature
+125°C
Storage temperature
-65°C to 150°C
Operating temperature
-20°C to 85°C
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is
not implied. Continuous operation of the device at the absolute rating
level may affect device reliability. All voltages are referenced to device
ground.
Pin Configuration
1
7
12
10
4
9
6
3
QFN
(top view)
DC Electrical Characteristics
(Over operating conditions unless otherwise specified, V
H = VDD1 = VDD2 = 12V, VL = VSS1 = VSS2 = 0V, VOE = 3.3V, TJ = 25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
DD1,
V
DD2
Supply voltage
4.5
-
13
V
---
V
H
Output high supply voltage
V
SS + 2.0
-
V
DD
V
---
V
L
Output low supply voltage
-
-
V
DD - 2.0
V
---
I
DD1Q
V
DD1 quiescent current
-
0.55
-
mA
No input transitions
I
DD2Q
V
DD2 quiescent current
-
-
10
µA
I
HQ
V
H quiescent current
-
-
10
µA
I
DD1
V
DD1 average current
-
0.88
-
mA
One channel on at 5.0Mhz,
No load
I
DD2
V
DD2 average current
-
6.6
-
mA
I
H
V
H average current
-
23
-
mA
V
IH
Input logic voltage high
V
OE - 0.3
-
5.0
V
For logic inputs INA and INB
V
IL
Input logic voltage low
0
-
0.3
V
I
IH
Input logic current high
-
-
1.0
µA
I
IL
Input logic current low
-
-
1.0
µA
V
IH
OE Input logic voltage high
1.2
-
5.0
V
For logic input OE
V
IL
OE Input logic voltage low
0
-
0.3
V
R
IN
Input logic impedance to GND
12
20
30
KΩ
C
IN
Logic input capacitance
-
5.0
10
pF
All inputs
θ
JA
Thermal resistance to air
-
47
-
°C/W
1oz. 4-layer 3x4” PCB with thermal
pad and thermal via array
θ
JC
Thermal resistance to case
-
7.0
-
°C/W
---



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com