Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645N3-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # LR645N3-G
Description  High Input Voltage SMPS Start-up / Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645N3-G Datasheet(HTML) 2 Page - Supertex, Inc

  LR645N3-G Datasheet HTML 1Page - Supertex, Inc LR645N3-G Datasheet HTML 2Page - Supertex, Inc LR645N3-G Datasheet HTML 3Page - Supertex, Inc LR645N3-G Datasheet HTML 4Page - Supertex, Inc LR645N3-G Datasheet HTML 5Page - Supertex, Inc LR645N3-G Datasheet HTML 6Page - Supertex, Inc LR645N3-G Datasheet HTML 7Page - Supertex, Inc LR645N3-G Datasheet HTML 8Page - Supertex, Inc LR645N3-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
LR645
Ordering Information
Device
Package Option
TO-92
TO-243AA
TO-220
8-Lead SOIC
LR645
LR645N3
LR645N8
LR645N5
LR645LG
LR645N3-G LR645N8-G LR645N5-G LR645LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Input voltage
450V
Output voltage
15.5V
Operating and storage temperature
-55°C to +150OC
Soldering temperature
300OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Thermal Characteristics
Package
Power
Dissipation
@T
A = 25
OC
θ
JC
OC/W
θ
JA
OC/W
SOIC
0.31W
156
400*
TO-92
0.74W
125
170
TO-220
1.8W
8.3
70
TO-243AA
1.6W
15
78*
Pin Configurations
* Mounted on FR4 board; 25mm x 25mm x 1.57mm
Significant PD increase possible on ceramic substrate
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
OUT
Output voltage
9.3
10
10.7
V
No load
Output voltage over temperature1
9.0
10
11.5
V
T
J = - 40°C ≤ to + 125°C, No load
ΔV
OUT
Line regulation
-
40
200
mV
V
IN = 15V to 400V, No load
Load regulation
-
150
400
mV
V
IN = 50V, IOUT = 0 to 3.0mA
V
IN
Operating input voltage range
15
-
450
V
---
I
INQ
Input quiescent current
-
50
150
µA
No Load
I
OFF
V
IN off-state leakage current
-
0.1
10
µA
V
AUX ≥ VOUT +1V applied to VOUT pin
Electrical Characteristics
(Test conditions unless otherwise specified: T
A = 25°C; VIN = 15 to 450V, COUT = 0.01µF)
1
8
TO-243AA
(SOT-89)
TO-92
1
3
2
TAB
TAB
TO-220
8-Lead SOIC
1
3
2
1
3
2
+V
IN
GND
V
OUT
TRIM
GATE
TO-92
1
2
3
-
-
TO-243AA
1
2, TAB
3
-
-
TO-220
1
2, TAB
3
-
-
8-Lead SO
13457
Package Markings
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
LR645
LLLL
= 2-week alpha date code
LR6
8-Lead SOIC
TO-243AA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com