Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1404ITSTR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1404ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ITSTR Datasheet(HTML) 2 Page - Semtech Corporation

  SC1404ITSTR Datasheet HTML 1Page - Semtech Corporation SC1404ITSTR Datasheet HTML 2Page - Semtech Corporation SC1404ITSTR Datasheet HTML 3Page - Semtech Corporation SC1404ITSTR Datasheet HTML 4Page - Semtech Corporation SC1404ITSTR Datasheet HTML 5Page - Semtech Corporation SC1404ITSTR Datasheet HTML 6Page - Semtech Corporation SC1404ITSTR Datasheet HTML 7Page - Semtech Corporation SC1404ITSTR Datasheet HTML 8Page - Semtech Corporation SC1404ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
 2004 Semtech Corp.
www.semtech.com
SC1404
PRELIMINARY
POWER MANAGEMENT
Electrical Characteristics
Absolute Maximum Ratings
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
S
R
E
L
L
O
R
T
N
O
C
S
P
M
S
N
I
A
M
e
g
n
a
R
e
g
a
tl
o
V
t
u
p
n
I
60
.
0
3V
e
g
a
tl
o
V
t
u
p
t
u
O
V
3ti
m
il
t
n
e
r
r
u
c
o
t
A
0
=
d
a
o
l
V
3
,
V
0
3
o
t
0
.
6
=
+
V3
2
.
33
.
37
3
.
3V
e
g
a
tl
o
V
t
u
p
t
u
O
V
5ti
m
il
t
n
e
r
r
u
c
o
t
A
0
=
d
a
o
l
V
5
,
V
0
3
o
t
0
.
6
=
+
V9
.
40
.
51
.
5V
n
o
it
a
l
u
g
e
R
d
a
o
LL
V
=
#
E
V
A
S
P
,t
i
m
il
t
n
e
r
r
u
c
o
t
A
0
,
S
P
M
S
r
e
h
ti
E4
.
0
-%
n
o
it
a
l
u
g
e
R
e
n
i
LL
V
=
#
E
V
A
S
P
,
V
0
3
<
+
V
<
0
.
6
,
S
P
M
S
r
e
h
ti
E5
0
.
0V
/
%
Unless otherwise noted: V+ = 15V, both PWMs on, SYNC = 0V, VL load = 0mA, REF load = 0mA, PSAVE# = 0V, T
A =-40 to 85°C.
Typical values are at T
A = +25°C. Circuit = Typical Application Circuit
R
E
T
E
M
A
R
A
PN
O
I
T
P
I
R
C
S
E
DM
U
M
I
X
A
MS
T
I
N
U
D
N
G
o
t
5
E
S
A
H
P
,
3
E
S
A
H
P
,
+
V
,
D
D
V
s
e
g
a
tl
o
V
e
s
a
h
P
d
n
a
y
l
p
p
u
S0
3
+
o
t
3
.
0
-V
D
N
G
o
t
5
E
S
A
H
P
,
3
E
S
A
H
Ps
e
g
a
tl
o
V
e
s
a
h
P)
c
e
s
n
0
0
1
-
t
n
e
i
s
n
a
r
t
(
0
.
2
-V
D
N
G
o
t
5
H
D
,
3
H
D
,
5
T
S
B
,
3
T
S
Bs
e
g
a
tl
o
v
t
s
o
o
B6
3
+
o
t
3
.
0
-V
D
N
G
o
t
D
N
G
P
d
n
u
o
r
G
l
a
n
g
i
S
o
t
d
n
u
o
r
G
r
e
w
o
P3
.
0
±V
D
N
G
o
t
L
Vy
l
p
p
u
S
c
i
g
o
L6
+
o
t
3
.
0
-V
;
5
E
S
A
H
P
o
t
5
T
S
B
;
3
E
S
A
H
P
o
t
3
T
S
B
y
l
p
p
u
S
e
v
i
r
D
e
t
a
G
e
d
i
s
-
h
g
i
H6
+
o
t
3
.
0
-V
5
E
S
A
H
P
o
t
5
H
D
;
3
E
S
A
H
P
o
t
3
H
D
s
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
e
d
i
s
-
h
g
i
H)
3
.
0
+
x
T
S
B
+
(
o
t
3
.
0
-V
D
N
G
o
t
5
L
D
,
3
L
D
D
N
G
o
t
3
H
S
C
,
3
L
S
C
,
5
H
S
C
,
5
L
S
C
s
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
e
d
i
s
-
w
o
L
s
t
u
p
n
i
e
s
n
e
S
t
n
e
r
r
u
C
d
n
a
)
3
.
0
+
L
V
(
+
o
t
3
.
0
-V
,
#
T
E
S
E
R
,
5
N
O
,
#
E
V
A
S
P
,
Q
E
S
,
C
N
Y
S
,
F
E
R
D
N
G
o
t
5
P
M
O
C
,
3
P
M
O
C
,
5
B
F
,
3
B
F
,
L
V
s
t
u
p
t
u
o
/
s
t
u
p
n
i
c
i
g
o
L)
3
.
0
+
L
V
(
+
o
t
3
.
0
-V
D
N
G
o
t
#
N
D
H
S
,
3
N
O
)
V
3
.
0
+
+
V
(
+
o
t
3
.
0
-V
D
N
G
o
t
t
r
o
h
S
F
E
R
,
L
V
s
u
o
u
n
it
n
o
C
t
n
e
r
r
u
C
F
E
R
5
+A
m
t
n
e
r
r
u
C
L
V
0
5
+A
m
D
N
G
o
t
T
U
O
2
1
)
3
.
0
+
D
D
V
+
(
o
t
3
.
0
-V
D
N
G
o
t
t
r
o
h
S
T
U
O
2
1
s
u
o
u
n
it
n
o
C
t
n
e
r
r
u
C
T
U
O
2
1t
n
e
r
r
u
c
t
u
p
t
u
o
V
2
10
0
2
+A
m
T
J
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J0
5
1
+C
°
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
e
g
a
k
c
a
Pt
n
e
i
b
m
a
o
t
n
o
it
c
n
u
j6
7tt
a
W
/
C
°
T
S
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
0
2
+
o
t
5
6
-C
°
T
L
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L.
x
a
m
d
n
o
c
e
s
0
1
,
C
°
0
0
3
+C
°
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com