Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1404ISSTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1404ISSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ISSTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1404ISSTR Datasheet HTML 9Page - Semtech Corporation SC1404ISSTR Datasheet HTML 10Page - Semtech Corporation SC1404ISSTR Datasheet HTML 11Page - Semtech Corporation SC1404ISSTR Datasheet HTML 12Page - Semtech Corporation SC1404ISSTR Datasheet HTML 13Page - Semtech Corporation SC1404ISSTR Datasheet HTML 14Page - Semtech Corporation SC1404ISSTR Datasheet HTML 15Page - Semtech Corporation SC1404ISSTR Datasheet HTML 16Page - Semtech Corporation SC1404ISSTR Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
 2004 Semtech Corp.
www.semtech.com
SC1404
POWER MANAGEMENT
Applications Information
Applications Information
-200
-150
-100
-50
0
50
100
150
200
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
Measured Control-to-Output gain & phase response (up to 100kHz)
is plotted below.
-50
-40
-30
-20
-10
0
10
20
30
40
50
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
-200
-150
-100
-50
0
50
100
150
200
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
Single-pole compensation is achieved using a 100pF capacitor
from the COMP pin to ground. The simulated feedback gain &
phase response (up to 100kHz) is plotted below.
-15
-10
-5
0
5
10
15
20
25
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
Measured feedback gain & phase responses (up to 100kHz) is
plotted below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com