Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1810 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1810
Description  High Speed Quad MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1810 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1810_07 Datasheet HTML 1Page - Supertex, Inc MD1810_07 Datasheet HTML 2Page - Supertex, Inc MD1810_07 Datasheet HTML 3Page - Supertex, Inc MD1810_07 Datasheet HTML 4Page - Supertex, Inc MD1810_07 Datasheet HTML 5Page - Supertex, Inc MD1810_07 Datasheet HTML 6Page - Supertex, Inc MD1810_07 Datasheet HTML 7Page - Supertex, Inc MD1810_07 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MD1810
V
DD-VSS
Logic supply voltage
4.5
-
13
V
---
V
SS
Low side supply voltage
-5.5
-
0
V
---
V
H
Output high supply voltage
V
SS+2
-
V
DD
V
---
V
L
Output low supply voltage
V
SS
-V
DD-2
V
---
I
DDQ
V
DD quiescent current
-
0.8
-
mA
No input transitions, OE = 1
I
HQ
V
H quiescent current
-
-
10
µA
I
DD
V
DD average current
-
7.0
-
mA
One channel on at 5.0Mhz, No load
I
H
V
H average current
-
18
-
mA
V
IH
Input logic voltage high
V
OE-0.3
-
5.0
V
For logic inputs INA, INB, INC, and
IND
V
IL
Input logic voltage low
0
-
0.3
V
I
IH
Input logic current high
-
1.0
µA
I
IL
Input logic current low
-
-
1.0
µA
V
IH
OE Input logic voltage high
1.2
-
5
V
For logic input OE
V
IL
OE Input logic voltage low
0
-
0.3
V
R
IN
Input logic impedance to GND
12
20
30
K
Ω
C
IN
Logic input capacitance
-
5.0
10
pF
---
DC Electrical Characteristics (V
H = VDD = 12V, VL = VSS = GND = 0V, VOE = 3.3V, TJ = 25°C)
Sym.
Parameter
Min.
Typ.
Max.
Units
Conditions
Absolute Maximum Ratings
Parameter
Value
V
DD-VSS, logic supply voltage
-0.5V to +13.5V
V
H, Output high supply voltage
V
L-0.5V to VDD+0.5V
V
L, Output low supply voltage
V
SS-0.5V to VH+0.5V
V
SS, Low side supply voltage
-7V to +0.5V
Logic input levels
V
SS-0.5V to VSS+7V
Maximum junction temperature
+125°C
Storage temperature
-65°C to 150°C
Soldering temperature
235°C
Package power dissipation
2.2W
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.
Ordering Information
DEVICE
Package Options
16-Lead QFN
4x4mm body, 1.0mm height (max), 0.65mm pitch
MD1810
MD1810K6-G
θ
JA
45°C/W (1oz. 4-layer 3x4inch PCB)
1810
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
Product Marking
16-Lead QFN Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com