Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2524 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN2524
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2524 Datasheet(HTML) 1 Page - Supertex, Inc

  TN2524_07 Datasheet HTML 1Page - Supertex, Inc TN2524_07 Datasheet HTML 2Page - Supertex, Inc TN2524_07 Datasheet HTML 3Page - Supertex, Inc TN2524_07 Datasheet HTML 4Page - Supertex, Inc TN2524_07 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TN2524
General Description
This
low
threshold,
enhancement-mode
(normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven,
silicon-gate
manufacturing
process.
This
combination produces a device with the power handling
capabilities of bipolar transistors and the high input impedance
and positive temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, this device is free
from thermal runaway and thermally-induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
N-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
* Distance of 1.6mm from case for 10 seconds.
Ordering Information
BV
DSS/BVDGS
(V)
R
DS(ON)
max
(Ω)
V
GS(th)
max
(V)
I
D(ON)
min
(A)
Package Options
TO-243AA (SOT-89)
Die*
240
6.0
2.0
1.0
TN2524N8-G
TN2524ND
-G indicates package is RoHS compliant (‘Green’)
* MIL visual screening available.
Pin Configuration
Product Marking
TO-243AA (SOT-89) (N8)
TO-243AA (SOT-89) (N8)
Features
Low threshold — 2.0V max
High input impedance
Low input capacitance — 125pF max
Fast switching speeds
Low ON-resistance
Free from secondary breakdown
Low input and output leakage
Complementary N and P-channel devices
Applications
Logic level interfaces — ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo voltaic devices
Analog switches
General purpose line drivers
Telecom switches
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
W = Code for week sealed
TN5CW
GATE
SOURCE
DRAIN
DRAIN


Similar Part No. - TN2524_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2524N8 SUTEX-TN2524N8 Datasheet
477Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2524N8-G SUTEX-TN2524N8-G Datasheet
629Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2524N8-G MICROCHIP-TN2524N8-G Datasheet
771Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
Supertex, Inc
TN2524ND SUTEX-TN2524ND Datasheet
477Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2524 SUTEX-TN2524_13 Datasheet
629Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN2524_07

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com