Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5322 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TP5322
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5322 Datasheet(HTML) 2 Page - Supertex, Inc

  TP5322 Datasheet HTML 1Page - Supertex, Inc TP5322 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TP5322
Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
-220
-
-
V
V
GS = 0V, ID = -2.0mA
V
GS(TH)
Gate threshold voltage
-1.0
-
-2.4
V
V
GS = VDS, ID = -1.0mA
ΔV
GS(TH)
Change in V
GS(TH) with temperature
-
-
4.5
mV/OCV
GS = VDS, ID = -1.0mA
I
GSS
Gate body leakage current
-
-
-100
nA
V
GS = ±20V, VDS = 0V
I
D(SS)
Zero gate voltage drain current
-
-
-10
µA
V
DS = Max rating, VGS = 0V
-
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125
OC
I
D(ON)
ON-state drain current
-0.7
-0.95
-
A
V
GS = -10V, VDS = -25V
R
DS(ON)
Static drain-to-source ON-state
resistance
-10
15
Ω
V
GS = -4.5V, ID = -100mA
8.0
12
V
GS = -10V, ID = -200mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.7
%/OCV
GS = -10V, ID = -200mA
G
FS
Forward transconductance
100
250
-
mmho
V
DS = -25V, ID = -200mA
C
ISS
Input capacitance
-
110
pF
V
GS = 0V,
V
DS = -25V,
f = 1MHz
C
OSS
Common source output capacitance
-
45
C
RSS
Reverse transfer capacitance
-
20
t
d(ON)
Turn-ON delay time
-
-
10
ns
V
DD = -25V,
I
D = -0.7A,
R
GEN = 25Ω,
t
r
Rise time
-
-
15
t
d(OFF)
Turn-OFF delay time
-
-
20
t
f
Fall time
-
-
15
V
SD
Diode forward voltage drop
-
-
-1.8
V
V
GS = 0V, ISD = -0.5A
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = -0.5A
Notes: 1.All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
Thermal Characteristics
Package
I
D
(continuous)1
I
D
(pulsed)
Power Dissipation
@T
C = 25
OC
Θ
jc (
OC/W)
Θ
jc (
OC/W)
I
DR
1
I
DRM
TO-236AB
-0.12A
-0.70A
0.36W
200
350
-0.12A
-0.7A
TO-243AA
-0.26A
-0.90A
1.6W2
15
782
-0.26A
-0.9A
Notes:
1. I
D (continuous) is limited by max rated Tj.
2. Mounted on FR4 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
Output
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
RGEN
0V
-10V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com