Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5335 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP5335
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5335 Datasheet(HTML) 1 Page - Supertex, Inc

  TP5335 Datasheet HTML 1Page - Supertex, Inc TP5335 Datasheet HTML 2Page - Supertex, Inc TP5335 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP5335
Features
High input impedance and high gain
Low power drive requirement
Ease of paralleling
Low C
ISS and fast switching speeds
Excellent thermal stability
Integral source-drain diode
Free from secondary breakdown
Complementary N- and P-channel devices
Applications
Logic level interfaces - ideal for TTL and CMOS
Solid state relays
Analog switches
Power management
Telecom switches
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex
TP5335 is a low threshold enhancement-
mode (normally-off) transistor utilizing an advanced vertical
DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces a device
with the power handling capabilities of bipolar transistors
and the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all
MOS structures, this device is free from thermal runaway
and thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage
temperature
-55OC to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
*Distance of 1.6mm from case for 10 seconds.
Ordering Information
BV
DSs/
BV
DGs
R
DS(ON)
(max)
V
GS(TH)
(max)
Package Options
TO-236AB
-350V
30Ω
-2.4V
TP5335K1
TP5335K1-G
-G indicates package is RoHS compliant (‘Green’)
P-Channel Enhancement-Mode
Vertical DMOS FET
Pin Configuration
TO-236AB
(Top View)
Gate
Source
Drain
Product Marking Information
Product marking for SOT-23:
where
= 2-week alpha date code
Underline indicates Pb-Free (”Green”)
P3S


Similar Part No. - TP5335

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP5335 SUTEX-TP5335 Datasheet
434Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP5335 SUTEX-TP5335 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TP5335 MICROCHIP-TP5335 Datasheet
737Kb / 12P
P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
TP5335 MICROCHIP-TP5335 Datasheet
382Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Revision D (March 2022)
logo
Supertex, Inc
TP5335K1 SUTEX-TP5335K1 Datasheet
434Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TP5335

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com