Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1009 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS1009
Description  2.5 Volt Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1009 Datasheet(HTML) 3 Page - ON Semiconductor

  CS1009 Datasheet HTML 1Page - ON Semiconductor CS1009 Datasheet HTML 2Page - ON Semiconductor CS1009 Datasheet HTML 3Page - ON Semiconductor CS1009 Datasheet HTML 4Page - ON Semiconductor CS1009 Datasheet HTML 5Page - ON Semiconductor CS1009 Datasheet HTML 6Page - ON Semiconductor CS1009 Datasheet HTML 7Page - ON Semiconductor CS1009 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS1009
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Reverse Current
20
mA
Forward
10
mA
Operating Temperature Range
–40 to 105
°C
Storage Temperature Range
–65 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow: (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
1. 10 second maximum
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Reverse Breakdown Voltage
IR = 1.0 mA
2.492
2.500
2.508
V
Reverse Breakdown Voltage
0
°C ≤ TA ≤ 105°C
2.492
2.500
2.508
V
Reverse Breakdown Voltage
–40
°C ≤ TA ≤°C
2.480
2.500
2.508
V
Reverse Breakdown Voltage
Change with Current
400
µA ≤ IR ≤ 10 mA
{
–
–
2.6
3.0
10
12
mV
mV
Reverse Dynamic Impedance
IR = 1.0 mA
{
–
–
0.2
0.4
1.0
1.4
Ω
Ω
Temperature Stability
Avgerage Temperature Coefficient
0
°C ≤ TA ≤ 70°C, Note 3
0
°C ≤ TA ≤ 70°C, Note 3
–
–
–
–
–
–
mV
ppm/
°C
Long Term Stabilty
TA = 25°C ±0.1 C, IR = 1.0 mA
–
20
–
ppm/kHr
†
Denotes the specifications which apply over full operating temperature range.
3. Average temperature coefficient is defined as the total voltage change divided by the specified temperature range.
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Reverse Current vs. Reverse Voltage
Figure 4. Change in Reverse Voltage vs.
Reverse Current
0.5
1.0
1.4
1.8
2.2
2.6
0
4
812
16
20
10–5
10–4
10–3
10–2
10–1
TJ = 25°C
REVERSE VOLTAGE (V)
0
1
2
3
4
5
REVERSE VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com