Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP5112CDP Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP5112CDP
Description  9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP5112CDP Datasheet(HTML) 3 Page - IMP, Inc

  IMP5112CDP Datasheet HTML 1Page - IMP, Inc IMP5112CDP Datasheet HTML 2Page - IMP, Inc IMP5112CDP Datasheet HTML 3Page - IMP, Inc IMP5112CDP Datasheet HTML 4Page - IMP, Inc IMP5112CDP Datasheet HTML 5Page - IMP, Inc IMP5112CDP Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Communications
3
Recommended Operating Conditions2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
r
w
P
m
r
e
TV
M
R
E
T
3
.
35
.
5V
e
g
a
t
l
o
V
t
u
p
n
I
e
l
b
a
n
E
l
e
v
e
L
h
g
i
H1
1
1
5
P
M
IV H
I
2V
M
R
E
T
V
2
1
1
5
P
M
I0
8
.
0
e
g
a
t
l
o
V
t
u
p
n
I
e
l
b
a
s
i
D
l
e
v
e
L
w
o
L1
1
1
5
P
M
IV L
I
08
.
0V
2
1
1
5
P
M
I2
V
M
R
E
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
05
2
1C
°
.
l
a
n
o
i
t
c
n
u
f
s
i
e
c
i
v
e
d
e
h
t
h
c
i
h
w
r
e
v
o
e
g
n
a
r
e
h
t
e
t
a
c
i
d
n
i
s
n
o
i
t
i
d
n
o
c
g
n
i
t
a
r
e
p
o
d
e
d
n
e
m
m
o
c
e
R
.
2
:
e
t
o
N
s
p
e
.
2
0
t
_
2
1
1
5
/
1
1
1
5
Electrical Characteristics
Unless otherwise specified, these specifications apply at an ambient operating temperature of TA = 25°C. TermPwr = 4.75V. Low duty cycle
pulse testing techniques are used which maintain junction and case temperatures equal to the ambient temperature.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
T
U
O
5
6
.
25
8
.
2V
t
n
e
r
r
u
C
y
l
p
p
u
S
r
w
P
m
r
e
TI C
C
n
e
p
O
=
s
e
n
il
a
t
a
d
ll
A6
9
A
m
V
5
.
0
=
s
e
n
il
a
t
a
d
ll
A5
1
25
2
2
1
1
1
5
P
M
IT
C
E
N
N
O
C
S
I
DV
8
.
0
<
n
i
P5
7
2
µA
2
1
1
5
P
M
IT
C
E
N
N
O
C
S
I
DV
0
.
2
>
n
i
P5
7
2
t
n
e
r
r
u
C
t
u
p
t
u
OI
T
U
O
V
T
U
O
V
5
.
0
=1
2
–
3
2
–
4
2
–
A
m
T
C
E
N
N
O
C
S
I
Dt
n
e
r
r
u
C
t
u
p
n
I1
1
1
5
P
M
II N
I
T
C
E
N
N
O
C
S
I
DV
5
7
.
4
=
n
i
P0
1A
n
T
C
E
N
N
O
C
S
I
DV
0
=
n
i
P0
9
–
µA
T
C
E
N
N
O
C
S
I
Dt
n
e
r
r
u
C
t
u
p
n
I2
1
1
5
P
M
II N
I
T
C
E
N
N
O
C
S
I
DV
0
=
n
i
P0
9
–
µA
T
C
E
N
N
O
C
S
I
DV
5
7
.
4
=
n
i
P0
1A
n
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O1
1
1
5
P
M
II L
O
T
C
E
N
N
O
C
S
I
DV
,
V
8
.
0
<
n
i
P
O
V
5
.
0
=0
1A
n
2
1
1
5
P
M
IT
C
E
N
N
O
C
S
I
DV
,
V
0
.
2
>
n
i
P
O
V
5
.
0
=0
1
n
i
e
c
n
a
t
i
c
a
p
a
CT
C
E
N
N
O
C
S
I
De
d
o
MC
T
U
O
V
T
U
O
z
H
M
1
=
y
c
n
e
u
q
e
r
F
,
V
0
=3
F
p
h
t
d
i
w
d
n
a
B
l
e
n
n
a
h
CW
B5
3z
H
M
l
e
n
n
a
h
C
r
e
p
,
t
n
e
r
r
u
C
k
n
i
S
n
o
i
t
a
n
i
m
r
e
TI
K
N
I
S
V
T
U
O
V
4
=0
6A
m
s
p
e
.
3
0
t
_
2
1
1
5
/
1
1
1
5
IMP5
IMP511111/5
1/5111122
IMP5
IMP511111/5
1/5111122
Daily Silver IMP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com