Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0604 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TN0604
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN0604 Datasheet(HTML) 2 Page - Supertex, Inc

  TN0604_07 Datasheet HTML 1Page - Supertex, Inc TN0604_07 Datasheet HTML 2Page - Supertex, Inc TN0604_07 Datasheet HTML 3Page - Supertex, Inc TN0604_07 Datasheet HTML 4Page - Supertex, Inc TN0604_07 Datasheet HTML 5Page - Supertex, Inc TN0604_07 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TN0604
Electrical Characteristics (@25OC unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
40
-
-
V
V
GS = 0V, ID = 2.0mA
V
GS(th)
Gate threshold voltage
0.6
-
1.6
V
V
GS = VDS, ID= 1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-3.8
-4.5
mV/OCV
GS = VDS, ID= 2.5mA
I
GSS
Gate body leakage
-
-
100
nA
V
GS = ± 20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
10
µA
V
GS = 0V, VDS = Max Rating
-
-
1.0
mA
V
GS = 0V, VDS = 0.8 Max Rat-
ing, T
A = 125°C
I
D(ON)
ON-state drain current
1.5
2.1
-
A
V
GS = 5.0V, VDS = 20V
4.0
7.0
-
V
GS = 10V, VDS = 20V
R
DS(ON)
Static drain-to-source
ON-state resistance
TO-92/ 20-Lead SOW
-
1.0
1.6
Ω
V
GS = 5.0V, ID = 0.75A
TO-92
-
0.6
0.75
V
GS = 10V, ID = 1.5A
20-Lead SOW
-
-
1.0
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
0.5
0.75
%/OCV
GS = 10V, ID = 1.5A
G
FS
Forward transductance
0.5
0.8
-
mmho
V
DS = 20V, ID = 1.5A
C
ISS
Input capacitance
-
140
190
pF
V
GS = 0V,
V
DS = 20V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
75
110
C
RSS
Reverse transfer capacitance
-
25
50
t
d(ON)
Turn-ON delay time
-
-
10
ns
V
DD = 20V,
I
D = 0.5A,
R
GEN = 25Ω
t
r
Rise time
-
-
6.0
t
d(OFF)
Turn-OFF delay time
-
-
25
t
f
Fall time
-
-
20
V
SD
Diode forward voltage drop
-
1.2
1.8
V
V
GS = 0V, ISD = 1.5A
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = 1.0A
Notes:
(1) All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
(2) All A.C. parameters sample tested.
Notes:
(1) I
D (continuous) is limited by max rated Tj .
Thermal Characteristics
Package
I
D
(continuous)(1)
(A)
I
D
(pulsed)
(A)
Power Dissipation
@T
A = 25
OC
(W)
θ
jc
(OC/W)
θ
ja
(OC/W)
I
DR
(1)
(A)
I
DRM
(A)
TO-92 (N3)
0.7
4.6
0.74
125
170
0.7
4.6
20-Lead SOW (WG)
1.0
4.0
1.5
-
84
1.0
4.0
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
RGEN
0V
0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com