Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R24 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R24
Description  A/D Type 8-Bit MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R24 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA2
PA3/PFD
PA4
PA5/INT
PA6/SDA
PA7/SCL
I/O
Pull-high
Wake-up
PA3 or PFD
I/O or Serial
Bus
Bidirectional 8-bit input/output port. Each bit can be configured as wake-up
input by option (bit option). Software instructions determine the CMOS out-
put or Schmitt trigger input with or without pull-high resistor (determined by
pull-high options: bit option). The PFD and INT are pin-shared with PA3
and PA5, respectively. Once the I
2C Bus function is used, the internal reg-
isters related to PA6 and PA7 cannot be used.
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB4/AN4
PB5/AN5
PB6/AN6
PB7/AN7
I/O
Pull-high
Bidirectional 8-bits input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mined by pull-high option: bit option) or A/D input. Once a PB line is se-
lected as an A/D input (by using software control), the I/O function and
pull-high resistor are automatically disabled.
PC0~PC4
(28-pin package only)
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mine by pull-high option: byte option).
PC0~PC7
(48-pin package only)
PD0/PWM0
PD1/PWM1/TMR1
(28-pin package only)
I/O
Pull-high
PWM
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without a pull-high resistor.
The PWM0 output function is pin-shared with PD0.
The PWM1 output function is pin-shared with PD1 and TMR1.
(determined by pull-high option: byte option)
PD0/PWM0
PD1/PWM1
PD2/PWM2
PD3/PWM3
PD4~PD7
(48-pin package only)
I/O
Pull-high
PWM
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without a pull-high resistor (de-
termined by pull-high option: byte option). The PWM0/PWM1/PWM2/
PWM3 output function are pin-shared with PD0/PD1/PD2/PD3 (depending
on the PWM options).
PF0~PF7
(48-pin package only)
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mine by pull-high option: byte option).
TMR0
I
¾
Timer/Event Counter 0 Schmitt trigger input (without pull-high resistor)
TMR1
(48-pin package only)
I
¾
Timer/Event Counter 1 Schmitt trigger input (without pull-high resistor).
RES
I
¾
Schmitt trigger reset input, active low
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal
or RC
OSC1 and OSC2 are connected to an RC network or a crystal (by options)
for the internal system clock. In the case of RC operation, OSC2 is the
output terminal for 1/4 system clock.
TEST1~3
I
¾
Test mode input pin it disconnects in normal operation.
NC
¾¾
No connection
HT46R24/HT46C24
Rev. 2.00
3
March 2, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com