Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R34 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46R34
Description  A/D Type 8-Bit OTP MCU with OPA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R34 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46R34 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R34 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R34 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R34 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R34 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R34 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R34 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R34 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R34 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Application Circuits
The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For reference only)
Crystal or Resonator
HT46R32
HT46R34
C1, C2
R1
C1, C2
R1
8MHz Crystal
35pF
4.3k
W
TBD
TBD
8MHz Resonator
22pF
4.3k
W
TBD
TBD
4MHz Crystal & Resonator
10pF
12k
W
TBD
TBD
3.58MHz Crystal
15pF
10k
W
TBD
TBD
3.58MHz Resonator
30pF
15k
W
TBD
TBD
2MHz Crystal & Resonator
35pF
10k
W
TBD
TBD
1MHz Crystal
68pF
18k
W
TBD
TBD
480kHz Resonator
300pF
10k
W
TBD
TBD
455kHz Resonator
300pF
10k
W
TBD
TBD
429kHz Resonator
300pF
10k
W
TBD
TBD
400kHz Resonator
300pF
10k
W
TBD
TBD
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage conditions occur.
Such a low voltage, as mentioned here, is one which is less than the lowest value of the MCU operating volt-
age. Note however that if the LVR is enabled then R1 can be removed.
Note:
The resistance and capacitance for the reset circuit should be designed in such a way as to ensure that the
VDD is stable and remains within a valid operating voltage range before bringing RES to high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
HT46R32/HT46R34
Rev. 1.10
22
March 16, 2007
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 M W
V D D
R O S C
f S Y S / 4
O S C 1
O S C 2
4 7 0 p F
O S C 1
O S C 2
R 1
C 1
C 2
C r y s t a l S y s t e m O s c i l l a t o r
F o r t h e v a l u e s ,
s e e t a b l e b e l o w
O S C C i r c u i t
S e e R i g h t S i d e
H T 4 6 R 3 2 / H T 4 6 R 3 4
P D 0 / P W M 0
P D 1 / P W M 1
P D 2 , P D 3
P B 0 / A N 0 ~ P B 3 / A N 3
P B 4 ~ P B 7
P A 0 ~ P A 2
P A 3 / P F D
P A 4 / T M R
P A 5 / I N T
P A 6 ~ P A 7
A P N
A P P
A P O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com