Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46RB50 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46RB50 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high
(bit option)
Wake-up
(bit option)
Bidirectional 8-bit input/output port. Each bit can be configured as a
wake-up input by ROM code option. The input or output mode is controlled
by PAC (PA control register, bit option). Pull-high resistor options:
PA0~PA7, bit option, wake-up options: PA0~PA7.
PB0/AN0~
PB7/AN7
I/O
Pull-high
(bit option)
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined by
pull-high options: bit option). The PB can be used as analog input of the ana-
log to digital converter.
PC0/INT
PC1/TMR0
PC2/TMR1
PC3~PC7
I/O
Pull-high
(nibble option)
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with pull-high resistor (determined by pull-high options:
nibble option). The PC0, PC1 PC2 are pin-shared with INT, TMR0 or TMR1,
respectively.
PD0/PWM0~
PD1/PWM1
PD2~PD7
I/O
Pull-high
(nibble option)
I/O or PWM
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with pull-high resistor (determined by pull-high options:
nibble option). The PD0/PD1 are pin-shared with PWM0/PWM1 (dependent
on PWM options).
PE0/SCS
I/O
Pull-high
(nibble option)
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with pull-high resistor (determined by pull-high options:
nibble option). The PE0 is pin-shared with SCS. SCS is a chip select pin of
the Serial interface, Master mode is output, Slave mode is input.
PE1/CLK
I/O
Pull-high
(nibble option)
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with pull-high resistor (determined by pull-high options:
nibble option). The PE1 is pin-shared with CLK. CLK is a Serial interface se-
rial clock input/output (Initial is input).
HT46RB50
Rev. 1.20
3
November 1, 2006
P A 3
P A 2
P A 1
P A 0
P D 1 / P W M 1
P D 0 / P W M 0
P B 5 / A N 5
P B 4 / A N 4
P B 3 / A N 3
P B 2 / A N 2
P B 1 / A N 1
P B 0 / A N 0
P E 3 / S D O
P E 2 / S D I
P A 4
P A 5
P A 6
P A 7
R E S
V D D / A V D D
V S S / A V S S
O S C 1
O S C 2
V 3 3 O
U D P
U D N
P C 0 / I N T
P E 1 / C L K
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
H T 4 6 R B 5 0
4 8 S S O P - A
P A 3
P A 2
P A 1
P A 0
P D 3
P D 2
P D 1 / P W M 1
P D 0 / P W M 0
P B 7 / A N 7
P B 6 / A N 6
P B 5 / A N 5
P B 4 / A N 4
P C 7
P C 6
P C 5
P C 4
P B 3 / A N 3
P B 2 / A N 2
P B 1 / A N 1
P B 0 / A N 0
P E 3 / S D O
P E 2 / S D I
P E 1 / C L K
P E 0 / S C S
P A 4
P A 5
P A 6
P A 7
P D 4
P D 5
P D 6
P D 7
R E S
A V D D
V D D
A V S S
V S S
O S C 1
O S C 2
P E 4
P E 5
V 3 3 O
U D P
U D N
P C 0 / I N T
P C 1 / T M R 0
P C 2 / T M R 1
P C 3
H T 4 6 R B 5 0
2 8 S O P - A / S K D I P - A
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com