Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48F06E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48F06E Datasheet HTML 17Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 18Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 19Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 20Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 21Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 22Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 23Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 24Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
21
September 10, 2007
Initialising the EEPROM
After the MCU is powered on and if the EEPROM is to
be used, it must be initialised in a specific way before
any user instructions are transmitted. This is achieved
by first transmitting an EWEN instruction, then by issu-
ing a WRITE instruction to write random data to any sin-
gle address in the EEPROM. The initialisation
procedure can then be terminated by issuing an EWDS
instruction, however at this point, if actual user data is to
be imminently written to the EEPROM, this last step is
optional.
N o
Y e s
I s s u e i n s t r u c t i o n
A d d r e s s , D a t a
I n t e r n a l w r i t e c y c l e i n i t i a t e d
I n t e r n a l w r i t e
c y c l e f i n i s h e d
D O = " 1 "
D O w i l l g o l o w h e r e t o i n d i c a t e i n t e r n a l
w r i t e c y c l e s t i l l i n p r o g r e s s
t S V d e l a y
t C D S d e l a y
C S
C S
Internal Write Cycle Busy Polling
The following is an example program of how this can be implemented:
mov
A,01h
mov
BP,A
; set to bank 1
mov
A,40h
mov
MP1,A
; set MP1 to EECR address
call
EWEN
; subroutine to run EWEN instructions
mov
A, 7Fh
mov
EEADDR, A
mov
A, 55h
mov
EEDATA, A
call
WRITE
; subroutine to run WRITE instruction
; write 55h data to address 7Fh
call
EWDS
; optional subroutine to run EWDS instruction
EEPROM Program Examples
The following short programs gives examples of how to send instructions, read and write to the EEPROM. These pro-
grams can form a basis of understanding as to how the internal EEPROM memory is to be used to store and retrieve
data.
Example 1
- Definitions and Sending Instructions to the EEPROM
_CS
EQU
IAR1.4
; EEPROM lines setup to have a corresponding
_SK
EQU
IAR1.5
; Bit in the Indirect Addressing Register IAR1
_DI
EQU
IAR1.6
; EEPROM can only be indirectly addressed using
; MP1
_DO
EQU
IAR1.7
_EECR
EQU
40H
; Setup address of the EEPROM control register
C_Addr_Length
EQU 7
; Address length
- 7-bits
C_Data_Length
EQU 8
; Data length
- always 8-bits
;
DATA
.SECTION at 70h
¢DATA¢
EE_command
DB
?
; Stores the read or write instruction
; information
ADDR
DB
?
; Store write data or read data address
WR_Data
DB
?
; Store read or write data
COUNT
DB
?
; Temporary counter
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com