Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R53 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48R53
Description  I/O Type 8-Bit MCU
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R53 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48R53 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high
Wake-up
CMOS/Schmitt
Trigger Input
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined by
pull-high options).
Each bit can be configured as a wake-up input by options.
PB0/BZ
PB1/BZ
PB2/INT
PB3/TMR
PB4~PB7
I/O
Pull-high
CMOS/Schmitt
PB0 or BZ
PB1 or BZ
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined by
pull-high options).
The PB0 and PB1 are pin-shared with the BZ and BZ, respectively.
Once the PB0 or PB1 is selected as buzzer driving outputs, the output signal
range can be selected from fS/2~fS/16 by option.
This external interrupt input is pin-shared with PB2.The external interrupt in-
put is activated on a high to low transition. The timer input is pin-shared with
PB3.
PC0~PC7
I/O
Pull-high
PC0~PC7 constitute an 8-bit input/output port. PC0~PC7 are configured as
NMOS input/output pins with or without pull-high resistor by options.
PD0~PD7
I/O
Pull-high
PD0~PD7 constitute an 8-bit input/output port. PD0~PD7 are configured as
NMOS input/output pins with or without pull-high resistor by options.
PE0~PE7
I/O
Pull-high
PE0~PE7 constitute an 8-bit input/output port. PE0~PE7 are configured as
NMOS input/output pins with or without pull-high resistor by options.
RES
I
¾
Schmitt trigger reset input. Active low.
OSC1
I
RC
OSC1 is connected to an RC oscillator for the internal system clock.
OSC3
OSC4
I
O
RTC
Real time clock oscillators. OSC3 and OSC4 are connected to a 32768Hz
crystal oscillator for timing purposes.
TEST
I
¾
It is for test only. TEST pin is internally pull-high and can be left floating.
VDD
¾¾
Positive power supply
AVDD
¾¾
Positive power supply
VSS
¾¾
Negative Power supply, ground
AVSS
¾¾
Negative power supply, ground
PVSS0
¾¾
Negative power supply for PC, PD7~PD4 port, ground
PVSS1
¾¾
Negative power supply for PD3~PD0, PE port, ground
Note:
²*² The pull-high resistors of each I/O port (PA, PB, PC, PD, PE) are all controlled by port option.
HT48R52/HT48R53
Rev. 1.20
3
December 6, 2005
P A 7
P E 0
P E 1
P E 2
P E 3
P E 4
P E 5
P E 6
P E 7
P V S S 1
P D 0
P D 1
P D 2
V S S
P B 7
P B 6
P B 5
P B 4
P B 3 / T M R
P B 2 / I N T
P B 1 / B Z
P B 0 / B Z
A V D D
A V S S
N C
P C 7
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
3 4
3 5
3 6
3 7
3 8
3 9
4 8
4 9
5 0
5 1
5 2
2 3 2 4 2 5 2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
H T 4 8 R 5 2 / H T 4 8 R 5 3
5 2 Q F P - A
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com