Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC613EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC613EVB
Description  Low Noise Regulated Charge Pump with Selectable Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC613EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC613EVB Datasheet HTML 3Page - Semtech Corporation SC613EVB Datasheet HTML 4Page - Semtech Corporation SC613EVB Datasheet HTML 5Page - Semtech Corporation SC613EVB Datasheet HTML 6Page - Semtech Corporation SC613EVB Datasheet HTML 7Page - Semtech Corporation SC613EVB Datasheet HTML 8Page - Semtech Corporation SC613EVB Datasheet HTML 9Page - Semtech Corporation SC613EVB Datasheet HTML 10Page - Semtech Corporation SC613EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC613
POWER MANAGEMENT
Typical Characteristics
Efficiency vs. Load
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
Load Current [mA]
5V Output, 3.8V Input
5V Output, 3.2V Input
4.5V Output, 3.8V Input
4.5V Output, 3.2V Input
Load Regulation
4.300
4.400
4.500
4.600
4.700
4.800
4.900
5.000
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
Load Current [mA]
5V Output, 3.8V Input
4.5V Output, 3.8V Input
5V Output, 3.2V Input
4.5V Output, 3.2V Input
4.05
4.1
4.15
4.2
4.25
4.3
4.35
4.4
4.45
4.5
4.55
2.53
3.544.5
5
5.5
Input Voltage [V]
650kHz, 140mA
650kHz, 75mA
4.5
4.6
4.7
4.8
4.9
5
5.1
2.5
3
3.5
4
4.5
5
5.5
Input Voltage [V]
650kHz, 100mA
650kHz, 40mA
Efficiency vs. Load Current
Load Regulation
Quiescent Current
Line Regulation for 4.5V
Line Regulation for 5.0V
Quiescent Currrent
0.500
0.700
0.900
1.100
1.300
1.500
1.700
1.900
2.100
2.300
2.500
2.700
3.200
3.700
4.200
4.700
5.200
Input Voltage [V]
Vo=4.5, 262kHz
Vo=5.0V, 262kHz
Vo=4.5V, 650kHz
Vo=5.0V, 650kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com