Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1565 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1565
Description  Very Low Dropout 1.5 Amp Regulator With Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1565 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1565 Datasheet HTML 1Page - Semtech Corporation SC1565 Datasheet HTML 2Page - Semtech Corporation SC1565 Datasheet HTML 3Page - Semtech Corporation SC1565 Datasheet HTML 4Page - Semtech Corporation SC1565 Datasheet HTML 5Page - Semtech Corporation SC1565 Datasheet HTML 6Page - Semtech Corporation SC1565 Datasheet HTML 7Page - Semtech Corporation SC1565 Datasheet HTML 8Page - Semtech Corporation SC1565 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC1565
POWER MANAGEMENT
Notes:
(1) Where -X.X denotes voltage options. Available
voltages are: 2.5V and 1.8V. Output voltage can be
adjusted using external resistors, see Pin Descriptions
on page 5.
(2) Where -X.X denotes voltage options. Available
voltages are: 2.5V and 1.8V. Output not adjustable.
(3) Only available in tape and reel packaging. A reel
contains 2500 devices.
(4) Only available in tape and reel packaging. A reel
contains 800 devices.
(5) Only available in tube packaging. A tube contains 50
devices.
(6) Lead free product. This product is fully WEEE and
RoHS compliant.
e
c
i
v
e
De
g
a
k
c
a
P
R
T
X
.
X
-
S
I
5
6
5
1
C
S
)
3
(
)
1
(
8
-
O
S
T
R
T
X
.
X
-
S
I
5
6
5
1
C
S
)
6
(
3
(
)
1
(
R
T
X
.
X
-
T
S
I
5
6
5
1
C
S
)
3
(
)
2
(
3
2
2
-
T
O
S
T
R
T
X
X
-
T
S
I
5
6
5
1
C
S
)
6
(
)
3
(
)
2
(
R
T
X
.
X
-
M
I
5
6
5
1
C
S
)
4
(
)
2
(
3
-
3
6
2
-
O
T
T
R
T
X
X
-
M
I
5
6
5
1
C
S
)
6
(
)
4
(
)
2
(
R
T
X
.
X
-
M
5
I
5
6
5
1
C
S
)
4
(
)
1
(
5
-
3
6
2
-
O
T
T
R
T
X
.
X
M
5
I
5
6
5
1
C
S
)
6
(
)
4
(
)
1
(
X
.
X
-
T
I
5
6
5
1
C
S
)
5
(
)
2
(
3
-
0
2
2
-
O
T
T
X
.
X
-
T
I
5
6
5
1
C
S
)
6
(
)
5
(
)
2
(
X
.
X
-
T
5
I
5
6
5
1
C
S
)
5
(
)
1
(
5
-
0
2
2
-
O
T
T
X
.
X
-
T
5
I
5
6
5
1
C
S
)
6
(
)
5
(
)
1
(
Pin Configurations
Ordering Information
SO-8
SOT-223
TO-220-3
TO-220-5
3
-
0
2
2
-
O
T
,
3
2
2
-
T
O
S
3
-
3
6
2
-
O
T
d
n
a
N
I
PN
O
I
T
C
N
U
F
1N
I
V
2D
N
G
3O
V
D
N
G
s
i
B
A
T
5
-
3
6
2
-
O
T
d
n
a
5
-
0
2
2
-
O
T
N
I
PN
O
I
T
C
N
U
F
1N
E
2N
I
V
3D
N
G
4O
V
5J
D
A
D
N
G
s
i
B
A
T
TO-263-3
TO-263-5
Pin Configurations (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com