Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1453 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1453
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1453_06 Datasheet HTML 1Page - Semtech Corporation SC1453_06 Datasheet HTML 2Page - Semtech Corporation SC1453_06 Datasheet HTML 3Page - Semtech Corporation SC1453_06 Datasheet HTML 4Page - Semtech Corporation SC1453_06 Datasheet HTML 5Page - Semtech Corporation SC1453_06 Datasheet HTML 6Page - Semtech Corporation SC1453_06 Datasheet HTML 7Page - Semtech Corporation SC1453_06 Datasheet HTML 8Page - Semtech Corporation SC1453_06 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Block Diagram
Top Mark
Bottom Mark
Marking Information
x = package (5 for SOT-23-5, T for TSOT-23-5)
3 = SC1453
XX = voltage option
(examples: 5331 for 3.1V option in SOT-23-5
yyww = Date code
(example: 0008 for week 8 of 2000)
x3XX
yyww
Top Mark
yyww
yyww = Date code
(example: 0008 for week 8 of 2000)
Bottom Mark
BX00
For SC1453, 2.85V option:
X = L for SOT-23-5 and N for TSOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com