Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM348 Datasheet(PDF) 2 Page - SYC Electronica

Part # LM348
Description  Quad 741 Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM348 Datasheet(HTML) 2 Page - SYC Electronica

  LM348 Datasheet HTML 1Page - SYC Electronica LM348 Datasheet HTML 2Page - SYC Electronica LM348 Datasheet HTML 3Page - SYC Electronica LM348 Datasheet HTML 4Page - SYC Electronica LM348 Datasheet HTML 5Page - SYC Electronica LM348 Datasheet HTML 6Page - SYC Electronica LM348 Datasheet HTML 7Page - SYC Electronica LM348 Datasheet HTML 8Page - SYC Electronica LM348 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM148
LM248
LM348
Supply Voltage
±22V
±18V
±18V
Differential Input Voltage
±44V
±36V
±36V
Output Short Circuit Duration (Note 1)
Continuous
Continuous
Continuous
Power Dissipation (P
d at 25˚C) and
Thermal Resistance (
θ
jA), (Note 2)
Molded DIP (N) P
d
—
—
750 mW
θ
jA
—
—
100˚C/W
Cavity DIP (J) P
d
1100 mW
800 mW
700 mW
θ
JA
110˚C/W
110˚C/W
110˚C/W
Maximum Junction Temperature (T
jMAX)
150˚C
110˚C
100˚C
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
−25˚C
≤ T
A
≤ +85˚C
0˚C
≤ T
A
≤ +70˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.) Ceramic
300˚C
300˚C
300˚C
Lead Temperature (Soldering, 10 sec.) Plastic
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface
mount
devices.
ESD tolerance (Note 5)
500V
500V
500V
Electrical Characteristics
(Note 3)
Parameter
Conditions
LM148
LM248
LM348
Units
Min
Typ Max Min
Typ Max Min
Typ Max
Input Offset Voltage
T
A = 25˚C, RS
≤ 10 kΩ
1.0
5.0
1.0
6.0
1.0
6.0
mV
Input Offset Current
T
A = 25˚C
4
25
4
50
4
50
nA
Input Bias Current
T
A = 25˚C
30
100
30
200
30
200
nA
Input Resistance
T
A = 25˚C
0.8
2.5
0.8
2.5
0.8
2.5
M
Ω
Supply Current All Amplifiers
T
A = 25˚C, VS = ±15V
2.4
3.6
2.4
4.5
2.4
4.5
mA
Large Signal Voltage Gain
T
A = 25˚C, VS = ±15V
50
160
25
160
25
160
V/mV
V
OUT = ±10V, RL
≥ 2kΩ
Amplifier to Amplifier
T
A = 25˚C,f=1Hzto20kHz
Coupling
(Input Referred) See Crosstalk
−120
−120
−120
dB
Test Circuit
Small Signal Bandwidth
T
A = 25˚C,
LM148 Series
1.0
1.0
1.0
MHz
Phase Margin
T
A = 25˚C,
LM148 Series (A
V =1)
60
60
60
degrees
Slew Rate
T
A = 25˚C,
LM148 Series (A
V =1)
0.5
0.5
0.5
V/µs
Output Short Circuit Current
T
A = 25˚C
25
25
25
mA
Input Offset Voltage
R
S
≤ 10 kΩ
6.0
7.5
7.5
mV
Input Offset Current
75
125
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com