Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452XIMSTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1452XIMSTRT
Description  Dual 150mA LDO Regulator with Programmable Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452XIMSTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC1452XIMSTRT Datasheet HTML 1Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1452XIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC1452
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
7
+
o
t
5
-V
e
g
a
tl
o
V
t
u
p
n
I
e
l
b
a
n
EV
N
E
V
+
o
t
5
-
N
I
V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
0
6
-C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
3
1
1W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
C
J
2
4W
/
C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
N
I
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
5
2
.
25
.
6
V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
V
A
N
E
V
,
V
0
=
B
N
E
V
=
N
I
I
,
B
T
U
O
r
o
A
m
0
5
1
=
V
B
N
E
V
,
V
0
=
A
N
E
V
=
N
I
I
,
A
T
U
O
A
m
0
5
1
=
0
1
10
5
1A
µ
0
0
2
V
A
N
E
V
=
B
N
E
V
=
N
I
I
,
A
T
U
O
I
=
B
T
U
O
A
m
0
5
1
=0
3
10
0
2A
µ
0
5
2
V
N
I
V
,
V
5
.
6
=
A
N
E
V
=
B
N
E
)
F
F
O
(
V
0
=2
.
00
.
1A
µ
5
.
1
B
T
U
O
,
A
T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
V
T
U
O
I
T
U
O
A
m
1
=%
1
-V
T
U
O
%
1
+V
A
m
0
≤ I
T
U
O
≤
V
,
A
m
0
5
1
T
U
O
V
1
+
≤V
N
I ≤
V
5
.
5
%
2
-%
2
+
n
o
it
a
l
u
g
e
R
e
n
i
L
)
1
(
G
E
R
)
E
N
I
L
(
V
T
U
O
V
1
+
≤ V
N
I ≤
I
,
V
5
.
5
T
U
O
A
m
1
=5
.
20
1V
m
2
1
n
o
it
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
)
D
A
O
L
(
A
m
1
.
0
≤ I
T
U
O
≤
A
m
0
5
15
-0
2
-V
m
0
3
-
Unless specified: T
A = 25°C, VIN = VOUT + 1V, IOUTA = IOUTB = 1mA, CIN = COUT = 1.0 µF, VENA = VENB = VIN.
Values in bold apply over full operating temperature range.
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device
reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com