Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC11236CSK.TR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC11236CSK.TR
Description  150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC11236CSK.TR Datasheet(HTML) 2 Page - Semtech Corporation

  SC11236CSK.TR Datasheet HTML 1Page - Semtech Corporation SC11236CSK.TR Datasheet HTML 2Page - Semtech Corporation SC11236CSK.TR Datasheet HTML 3Page - Semtech Corporation SC11236CSK.TR Datasheet HTML 4Page - Semtech Corporation SC11236CSK.TR Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ã 2001 Semtech Corp.
www.semtech.com
SC112
POWER MANAGEMENT
PRELIMINARY
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IN
I
V6
1
+
o
t
3
.
0
-V
e
g
a
tl
o
V
t
u
p
n
I
e
l
b
a
n
EV
N
E
N
I
V
o
t
3
.
0
-V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
q
A
J
0
3
2W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
q
C
J
1
8W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
EV
D
S
E
2V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
N
I
V
e
g
n
a
R
e
g
a
tl
o
V
y
l
p
p
u
SN
I
V
5
.
25
.
4
1
V
t
n
e
rr
u
C
n
i
P
d
n
u
o
r
GI
D
N
G
I
O
A
m
0
=0
65
7A
µ
0
9
I
O
A
m
0
6
=0
0
.
15
2
.
1A
m
0
5
.
1
I
O
A
m
0
0
1
=1
.
25
.
2
0
.
3
I
O
A
m
0
5
1
=0
2
.
45
7
.
4
5
2
.
5
F
F
O
t
u
p
t
u
O
,
V
8
=
N
I
V
1
.
0
A
µ
O
V
e
g
a
tl
o
V
t
u
p
t
u
OO
VI
O
A
m
0
3
=5
.
2
-O
V5
.
2
+%
0
.
3
-0
.
3
+
n
o
it
a
l
u
g
e
R
e
n
i
LG
E
R
)
E
N
I
L
(
O
V
(
=
N
I
V
)
M
O
N
(
O
V
(
o
t
)
V
1
+
)
M
O
N
(
,)
V
6
+5
0
1V
m
I
O
A
m
1
=
0
2
Unless specified: T
A = 25°C, VIN = (VO(NOM) + 1V), CIN = 1µF, CBYP = 10nF, CO = 1µF. Values in bold apply over full operating temperature range.
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com