Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1457 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1457
Description  150mA Ultra Low Dropout Regulator with Undervoltage Flag
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1457 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1457 Datasheet HTML 5Page - Semtech Corporation SC1457 Datasheet HTML 6Page - Semtech Corporation SC1457 Datasheet HTML 7Page - Semtech Corporation SC1457 Datasheet HTML 8Page - Semtech Corporation SC1457 Datasheet HTML 9Page - Semtech Corporation SC1457 Datasheet HTML 10Page - Semtech Corporation SC1457 Datasheet HTML 11Page - Semtech Corporation SC1457 Datasheet HTML 12Page - Semtech Corporation SC1457 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
 2004 Semtech Corp.
www.semtech.com
SC1457
POWER MANAGEMENT
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Land Pattern - SOT-23-5 & TSOT-23-5
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
P
(C)
Z
Y
G
.043
.141
.055
(.098)
.037
.024
1.40
(2.50)
0.95
0.60
1.10
3.60
X
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com