Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 1 Page - SYC Electronica

Part # TL082
Description  GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL082 Datasheet(HTML) 1 Page - SYC Electronica

  TL082 Datasheet HTML 1Page - SYC Electronica TL082 Datasheet HTML 2Page - SYC Electronica TL082 Datasheet HTML 3Page - SYC Electronica TL082 Datasheet HTML 4Page - SYC Electronica TL082 Datasheet HTML 5Page - SYC Electronica TL082 Datasheet HTML 6Page - SYC Electronica TL082 Datasheet HTML 7Page - SYC Electronica TL082 Datasheet HTML 8Page - SYC Electronica TL082 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
s WIDE COMMON-MODE (UP TO V
CC
+) AND
DIFFERENTIAL VOLTAGE RANGE
s LOW INPUT BIAS AND OFFSET CURRENT
s OUTPUT SHORT-CIRCUIT PROTECTION
s HIGH INPUT IMPEDANCE J–FET INPUT
STAGE
s INTERNAL FREQUENCY COMPENSATION
s LATCH UP FREE OPERATION
s HIGH SLEW RATE : 16V/
µs (typ)
DESCRIPTION
The TL082, TL082A and TL082B are high speed
J–FET input dual operational amplifiers incorpo-
rating well matched, high voltage J–FET and bipo-
lar transistors in a monolithic integrated circuit.
The devices feature high slew rates, low input bias
and offset current, and low offset voltage temper-
ature coefficient.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape
& Reel (PT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
NDP
TL082M/AM/BM
-55°C, +125°C
••
•
TL082I/AI/BI
-40°C, +105°C
••
•
TL082C/AC/BC
0°C, +70°C
••
•
Example : TL082CD, TL082IN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1
2
3
45
6
7
8
-
+
-
+
1 - Offset null 1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
TL082
TL082A - TL082B
GENERAL PURPOSE J-FET
DUAL OPERATIONAL AMPLIFIERS
March 2002


Similar Part No. - TL082

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
TL082 TI-TL082 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL082 TI-TL082 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
465Kb / 9P
GENERAL PURPOSE DUAL J-FET OPERATION AMPLIFIER
More results

Similar Description - TL082

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
J-FET Input Dual Operational Amplifiers
logo
STMicroelectronics
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LF153 STMICROELECTRONICS-LF153_01 Datasheet
723Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Mar-2001
TL072 STMICROELECTRONICS-TL072_07 Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
06-Mar-2007
logo
Unisonic Technologies
TL082 UTC-TL082_09 Datasheet
300Kb / 9P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_15 Datasheet
334Kb / 7P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_18 Datasheet
241Kb / 7P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com