Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL084 Datasheet(PDF) 4 Page - SYC Electronica

Part # TL084
Description  GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL084 Datasheet(HTML) 4 Page - SYC Electronica

  TL084 Datasheet HTML 1Page - SYC Electronica TL084 Datasheet HTML 2Page - SYC Electronica TL084 Datasheet HTML 3Page - SYC Electronica TL084 Datasheet HTML 4Page - SYC Electronica TL084 Datasheet HTML 5Page - SYC Electronica TL084 Datasheet HTML 6Page - SYC Electronica TL084 Datasheet HTML 7Page - SYC Electronica TL084 Datasheet HTML 8Page - SYC Electronica TL084 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TL084 - TL084A - TL084B
4/12
THD
Total Harmonic Distortion (Tamb = +25°C),
f= 1kHz, RL = 2kΩ,CL = 100pF, Av = 20dB,
Vo = 2Vpp
0.01
0.01
%
en
Equivalent Input Noise Voltage
RS = 100Ω, f = 1KHz
15
15
∅m
Phase Margin
45
45
degrees
Vo1/Vo2
Channel Separation
Av = 100
120
120
dB
1.
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature.
Symbol
Parameter
TL084I,M,AC,AI,AM,
BC,BI,BM
TL084C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com