Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1112STR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1112STR
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112STR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1112STR Datasheet HTML 9Page - Semtech Corporation SC1112STR Datasheet HTML 10Page - Semtech Corporation SC1112STR Datasheet HTML 11Page - Semtech Corporation SC1112STR Datasheet HTML 12Page - Semtech Corporation SC1112STR Datasheet HTML 13Page - Semtech Corporation SC1112STR Datasheet HTML 14Page - Semtech Corporation SC1112STR Datasheet HTML 15Page - Semtech Corporation SC1112STR Datasheet HTML 16Page - Semtech Corporation SC1112STR Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
1.1915
1.1920
1.1925
1.1930
1.1935
1.1940
1.1945
1.1950
1.1955
0
1020
3040
5060
70
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
600
650
700
750
800
850
900
0
102030
40506070
Ta (°C.)
Sink current
Source current
Typical Characteristics (Cont.)
ADJ (1.2V) Output Voltage @ Io = 0A vs Ta
1.1950
1.1960
1.1970
1.1980
1.1990
1.2000
1.2010
1.2020
0
1020
3040
5060
70
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
ADJ (1.2V) Output Voltage @ Io = 2A vs Ta
ADJ Sense Bias current vs Ta
150
170
190
210
230
250
270
290
310
330
350
0
1020
3040
506070
Ta (°C.)
5V Stby = 4.75V
5V Stby = 5.00V
5V Stby = 5.25V
ADJ Gate Current @ Vgate = 3V, 5V Stby = 4.75V vs Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com