Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4607 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4607
Description  Very Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4607 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4607 Datasheet HTML 9Page - Semtech Corporation SC4607 Datasheet HTML 10Page - Semtech Corporation SC4607 Datasheet HTML 11Page - Semtech Corporation SC4607 Datasheet HTML 12Page - Semtech Corporation SC4607 Datasheet HTML 13Page - Semtech Corporation SC4607 Datasheet HTML 14Page - Semtech Corporation SC4607 Datasheet HTML 15Page - Semtech Corporation SC4607 Datasheet HTML 16Page - Semtech Corporation SC4607 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
 2005 Semtech Corp.
www.semtech.com
SC4607
POWER MANAGEMENT
Design Example 2: 3.3V to 2.5V @ 20A application with SC4607
Application Information (Cont.)
Design Example 1: 3.3V to1.5V @12A application with SC4607
R3
1.05k
C3
4.7u
C2 1.5n
R1
20k
C1
270p
C18
0.1u
Vin=3.3V
C7
330u
D2
L1 1.3u
C5
22u
C4
22u
C17
1u
M11
M12
M22
C10
150u
M21
C9
2.7n
R8
365
Vo=2.5V/20A
R7
16.5k
R9
4.12k
R6
0
R5
0
C16
560pF
ETQPAF1R3EA
4TPD330M
4 x C3216X5R0J226M
2 x 4TPE150M
4 x Si7882
VCC
2
ISET
3
COMP
4
FS/SY NC
5
BST
1
DRVH
10
DRVL
8
VSENSE
6
GND
7
PHASE
9
U1
SC4607
C13
22u
C14
22u
C11
150u
R13
1
R3
C3
4.7u
C2 2.2n
C7
330u
R1
14.3k
C1
270p
C14
100u
Vin=3.3V
D2
L1
2.3u
C5
22u
C4
22u
C71
1u
M1
R6
0
R5
0
C13
100u
M2
C11
22u
C9
5.6n
R8
169
Vo=1.5V/12A
R7
8.25k
R9
4.12k
C16
560pF
C10
22u
VCC
2
ISET
3
COMP
4
FS/SY NC
5
BST
1
DRVH
10
DRVL
8
VSENSE
6
GND
7
PHASE
9
U1
SC4607
R13
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com