Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4901 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4901
Description  COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4901 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4901 Datasheet HTML 1Page - Semtech Corporation SC4901 Datasheet HTML 2Page - Semtech Corporation SC4901 Datasheet HTML 3Page - Semtech Corporation SC4901 Datasheet HTML 4Page - Semtech Corporation SC4901 Datasheet HTML 5Page - Semtech Corporation SC4901 Datasheet HTML 6Page - Semtech Corporation SC4901 Datasheet HTML 7Page - Semtech Corporation SC4901 Datasheet HTML 8Page - Semtech Corporation SC4901 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
 2005 Semtech Corp.
www.semtech.com
SC4901
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
e
c
n
e
r
e
f
e
R
F
E
R
V
e
g
a
tl
o
V
t
u
p
t
u
O
T
A
T
=
J
C
°
5
2
1
+
o
t
C
°
0
4
-
=
4
.
25
.
26
.
2V
t
n
e
r
r
u
C
t
u
p
t
u
O
I
F
E
R
5A
m
n
o
it
a
l
u
g
e
R
e
n
i
LV
5
1
<
C
C
V
A
<
V
80
1V
m
n
o
it
a
l
u
g
e
R
d
a
o
L
I
<
A
m
0
F
E
R
A
m
5
<
0
1V
m
r
e
i
f
il
p
m
A
r
o
r
r
E
l
e
v
e
L
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
T
A
C
°
5
2
=
4
7
.
00
5
7
.
0
6
7
.
0V
T
A
T
=
J
C
°
5
2
1
+
o
t
C
°
0
4
-
=
5
3
7
.
05
6
7
.
0V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
1
.
0
2A
µ
e
g
a
tl
o
V
t
e
s
ff
O
)
1
(
2
V
m
n
i
a
G
p
o
o
L
n
e
p
O
)
1
(
0
8
B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
)
1
(
3
z
H
M
e
t
a
R
w
e
l
S
)
1
(
0
.
2
S
µ
/
V
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
I
P
M
O
C
e
c
r
u
o
s
A
m
1
.
0
=7
.
29
.
2
V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
I
P
M
O
C
k
n
i
s
A
m
1
.
0
=8
.
0
V
T
C
R
d
n
a
D
C
Z
e
g
n
a
R
y
c
n
e
u
q
e
r
F
n
i
M
e
g
n
a
r
y
c
n
e
u
q
e
r
F0
5
z
H
K
x
a
M
e
g
n
a
r
y
c
n
e
u
q
e
r
F0
0
0
1
e
g
a
tl
o
V
k
a
e
P
)
1
(
y
ll
a
n
r
e
t
n
i
d
e
p
m
a
l
C0
.
3
V
e
g
a
tl
o
V
y
e
ll
a
V
)
1
(
0
.
1
V
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
r
o
ti
c
a
p
a
C
g
n
i
m
i
T
)
1
(
1
1
A
m
t
i
m
i
L
t
n
e
r
r
u
C
d
l
o
h
s
e
r
h
T
e
l
c
y
C
y
b
e
l
c
y
C
V
O
A
C
3
.
25
.
27
.
2
V
d
l
o
h
s
e
r
h
T
e
d
o
M
p
u
c
c
i
H
g
n
il
l
a
f
-
A
E
V5
7
3
.
0
V
t
u
p
t
u
O
o
t
y
a
l
e
D
)
1
(
5
7
S
n
t
e
s
ff
o
r
e
if
il
p
m
A
t
n
e
r
r
u
C
25
V
m
Unless specified: T
A = 25°C, VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com