Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC802A
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802A Datasheet(HTML) 2 Page - Semtech Corporation

  SC802A Datasheet HTML 1Page - Semtech Corporation SC802A Datasheet HTML 2Page - Semtech Corporation SC802A Datasheet HTML 3Page - Semtech Corporation SC802A Datasheet HTML 4Page - Semtech Corporation SC802A Datasheet HTML 5Page - Semtech Corporation SC802A Datasheet HTML 6Page - Semtech Corporation SC802A Datasheet HTML 7Page - Semtech Corporation SC802A Datasheet HTML 8Page - Semtech Corporation SC802A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
© 2005 Semtech Corp.
www.semtech.com
SC802/SC802A
POWER MANAGEMENT
Prelimi-
nary
* Maximum Vsupply as defined in EIA/JEDEC Standard No. 78, paragraph 2.11.
n
o
it
a
n
i
b
m
o
C
n
i
Pn
o
it
a
n
i
b
m
o
C
n
i
P
n
o
it
a
n
i
b
m
o
C
n
i
P
n
o
it
a
n
i
b
m
o
C
n
i
Pn
o
it
a
n
i
b
m
o
C
n
i
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sm
u
m
i
x
a
Mm
u
m
i
x
a
M
m
u
m
i
x
a
M
m
u
m
i
x
a
Mm
u
m
i
x
a
Ms
ti
n
Us
ti
n
U
s
ti
n
U
s
ti
n
Us
ti
n
U
D
N
G
o
t
N
E
,
C
C
V
0
.
4
1
o
t
3
.
0
-V
,
M
R
E
T
I
,
B
G
R
H
C
,
B
P
C
,
M
G
R
P
I
,
M
G
R
P
V
,
C
F
A
,
e
m
it
R
,
T
U
O
V
D
N
G
o
t
,
B
P
I
B
0
.
6
+
o
t
3
.
0
-V
D
N
G
o
t
D
N
G
F
E
R
3
.
0
o
t
3
.
0
-V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
/
W
m
0
2
e
t
a
r
e
D
(
P
L
M°C
5
8
e
v
o
b
aC
°)
d
P2
W
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
TT
A
J
*
0
5W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
,
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
TT
C
J
3W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
s
0
4
-
s
0
2
g
n
ir
e
d
l
o
s
,
e
r
u
t
a
r
e
p
m
e
t
w
o
lf
e
R
R
I
k
a
e
PT
D
A
E
L
0
6
2C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
D
N
G
o
t
t
r
o
h
s
T
U
O
V
s
u
o
u
n
it
n
o
C
Absolute Maximum Ratings
Electrical Characteristics
Unless otherwise noted: VCC = 4.75V - 5.25V
* Tied to PCB with 1 Square Inch, 2 Ounce Copper, using JESD 51 Standard.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C5
2 oCT
A
0
4
-
(
o
5
8
+
o
t
C
o
)
C
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
e
g
a
tl
o
V
d
n
a
t
s
h
ti
W
t
u
p
n
IC
C
V3
.
44
1V
e
g
a
tl
o
V
g
n
it
a
r
e
p
OP
O
V3
.
4*
5
.
6V
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
O
L
V
U
C
C
VT
V
R
O
L
V
U
0
.
47
.
33
.
4V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
C
C
VT
V
H
O
L
V
U
s
i
s
e
r
e
t
s
y
H
g
n
il
l
a
F
C
C
V0
4V
m
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
P
V
O
C
C
VT
V
R
P
V
O
8
.
65
.
65
.
7V
d
l
o
h
s
e
r
h
T
g
n
il
l
a
F
P
V
O
C
C
VT
V
F
P
V
O
5
.
61
.
61
.
7V
s
i
s
e
r
e
t
s
y
H
P
V
O
C
C
VT
V
H
P
V
O
s
i
s
e
r
e
t
s
y
H
g
n
il
l
a
F
C
C
V0
0
30
0
20
0
5V
m
t
n
e
r
r
u
C
g
n
it
a
r
e
p
OC
C
I
S
I
D
C
C
I
G
H
C
C
C
I
O
D
L
e
d
o
M
n
w
o
d
t
u
h
S
ff
o
B
P
C
,
B
G
R
H
C
6
.
2
A
m
e
d
o
M
g
n
i
g
r
a
h
C
ff
o
B
P
C
,
B
G
R
H
C
4
.
21
5
.
3
e
d
o
M
O
D
L
ff
o
B
P
C
,
B
G
R
H
C
6
18
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com