Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4155S Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS4155S
Description  2A OUTPUT PWM BUCK CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4155S Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS4155S Datasheet HTML 1Page - Advanced Monolithic Systems AMS4155S Datasheet HTML 2Page - Advanced Monolithic Systems AMS4155S Datasheet HTML 3Page - Advanced Monolithic Systems AMS4155S Datasheet HTML 4Page - Advanced Monolithic Systems AMS4155S Datasheet HTML 5Page - Advanced Monolithic Systems AMS4155S Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS4155
PIN DESCRIPTION
Pin Number
NAME
DESCRIPTION
1
SYNC
Synchronization Input. This pin is used to synchronize the internal oscillator frequency to
an external source. Leave SYNC unconnected or connect to GND if unused.
2
BST
Bootstrap. This capacitor is needed to drive the power switch above the supply voltage. It
is connected between LX and BST pins to form a floating supply across the power switch
driver. The voltage across Cbst is about 5V and is supplied by the internal Vcc supply
when LX pin voltage is low.
3
VIN
Supply Voltage. The AMS4155 operates from a+4.75V to +23V unregulated input. Cin is
needed to prevent large voltage spikes from appearing at the input power supply.
4
LX
This connects the inductor to the internal Switch
5
GND
Ground Pin connected to PCB ground plane. This pin is also the ground for internal voltage
reference.
6
FB
Feedback. A resistor network of two resistors is used to set-up the output voltage connected
between Output to GND. The node between the two resistors is connected to Feedback pin.
7
COMP
Compensation. This node is the output of the transconductance error amplifier and the
input to the current comparator. Frequency compensation is done at this node by
connecting a series R-C to ground.
8
ENABLE
Enable. A voltage greater than 2.495V at this pin enables device operation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com