Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2501CS Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS2501CS
Description  1A VERY LOW DROPOUT VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2501CS Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS2501CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2501CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2501CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2501CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2501CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2501CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2501CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS2501CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2501/AMS2502
ABSOLUTE MAXIMUM RATINGS (Note 1)
VPOWER Input Voltage
7V
Soldering information
VCONTROL Input Voltage
13V
Lead Temperature (25 sec)
265
°C
Operating Junction Temperature
Thermal Resistance
Control Section
0
°C to 125°C
SO-8 package
ϕ
JA= 160°C/W
Power Transistor
0
°C to 150°C
Storage temperature
- 65
°C to +150°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at ILOAD = 0 mA, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Reference Voltage
AMS2501/AMS2502
VCONTROL = 2.75V, VPOWER =2V, ILOAD = 10mA
VCONTROL = 2.7V to 12V, VPOWER =3.3V to 5.5V,
ILOAD = 10mA to 1A
1.238
1.232
1.250
1.250
1.262
1.268
V
V
Output Voltage
AMS2501/AMS2502-1.5
VCONTROL = 4V, VPOWER =2.V, ILOAD = 0mA
VCONTROL = 3V, VPOWER =2.3V, ILOAD = 0mA to 1A
1.491
1.485
1.500
1.500
1.509
1.515
V
V
AMS2501/AMS2502-1.8
VCONTROL = 4V, VPOWER =2.V, ILOAD = 0mA
VCONTROL = 3V, VPOWER =2.3V, ILOAD = 0mA to 1A
1.782
1.773
1.800
1.800
1.818
1.827
V
V
AMS2501/AMS2502-2.5
VCONTROL = 5V, VPOWER =3.3V, ILOAD = 0mA
VCONTROL = 4V, VPOWER =3.3V, ILOAD = 0mA to 1A
2.485
2.475
2.500
2.500
2.515
2.525
V
V
AMS2501/AMS2502-2.85
VCONTROL = 5.35V, VPOWER =3.35V, ILOAD = 0mA
VCONTROL = 4.4V, VPOWER =3.7V, ILOAD = 0mA to 1A
2.821
2.833
2.850
2.850
2.879
2.867
V
V
AMS2501/AMS2502-3.0
VCONTROL = 5.5V, VPOWER =3.5V, ILOAD = 0mA
VCONTROL = 4.5V, VPOWER =3.8V, ILOAD = 0mA to 1A
2.982
2.970
3.000
3.000
3.018
3.030
V
V
AMS2501/AMS2502-3.3
VCONTROL = 5.8V, VPOWER =3.8V, ILOAD = 0mA
VCONTROL = 4.8V, VPOWER =4.1V, ILOAD = 0mA to 1A
3.280
3.235
3.300
3.300
3.320
3.333
V
V
AMS2501/AMS2502-3.5
VCONTROL = 6V, VPOWER =4V, ILOAD = 0mA
VCONTROL = 5V, VPOWER =4.3V, ILOAD = 0mA to 1A
3.479
3.430
3.500
3.500
3.521
3.535
V
V
AMS2501/AMS2502-5.0
VCONTROL = 7.5V, VPOWER =5.5V, ILOAD = 0mA
VCONTROL = 6.5V, VPOWER =5.8V, ILOAD = 0mA to 1A
4.930
4.950
5.000
5.000
5.030
5.050
V
V
Line Regulation
AMS2501/AMS2502-1.5/-
1.8/-2.5/-2.85/-3.0/-3.3/-
3.5/-5.0
ILOAD = 10 mA , 1.5V≤ (VCONTROL - VOUT) ≤ 12V
0.8V
≤ (V
POWER - VOUT) ≤ 5.5V
1
3
mV
Load Regulation
AMS2501/AMS2502-1.5/-
1.8/-2.5/-2.85/-3.0/-3.3/-
3.5/-5.0
VCONTROL = VOUT + 2.5V, VPOWER =VOUT + 0.8V,
ILOAD = 10mA to 1A
1
5
mV
Minimum Load
Current
AMS2501/AMS2502
VCONTROL = 5V, VPOWER =3.3V, VADJ = 0V (Note 3)
5
10
mA
Control Pin Current
(Note 4)
AMS2501/AMS2502-1.5/-
1.8/-2.5/-2.85/-3.0/-3.3/-
3.5/-5.0
VCONTROL = VOUT + 2.5V, VPOWER =VOUT + 0.8V,
ILOAD = 10mA
10
16
mA
Ground Pin Current
(Note 4)
AMS2501/AMS2502-1.5/-
1.8/-2.5/-2.85/-3.0/-3.3/-
3.5/-5.0
VCONTROL = VOUT + 2.5V, VPOWER =VOUT + 0.8V,
ILOAD = 10mA
6
10
mA
Adjust Pin Current
AMS2501/AMS2502
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 10mA
40
120
µA
Current Limit
AMS2501/AMS2502-1.5/-
1.8/-2.5/-2.85/-3.0/-3.3/-
3.5/-5.0
VPOWER =VOUT + 0.8V
1.0
1.2
1.5
A
Ripple Rejection
AMS2501/AMS2502-1.5/-
1.8/-2.5/-2.85/-3.0/-3.3/-
3.5/-5.0
VCONTROL = VPOWER = VOUT + 2.5V, VRIPPLE = 1VP-P
ILOAD = 1A
60
80
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com