Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101S2MB1F Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 101S2MB1F
Description  Acid Leak Detection (ALD) Assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

101S2MB1F Datasheet(HTML) 1 Page - Ashcroft, Inc.

  101S2MB1F Datasheet HTML 1Page - Ashcroft, Inc. 101S2MB1F Datasheet HTML 2Page - Ashcroft, Inc. 101S2MB1F Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. ald2_gauges_ds_RevF_03-23-22
ashcroft.com
info@ashcroft.com
1.800.385-0635
1
Data Sheet
FEATURES
Acid sensing component (yellow in photo turns
red
when exposed to acid with a pH ≤3.0)
Available with pressure ranges to 10,000 psi
Gauge welded to seal (STD.)
Available with Halocarbon® fill for oxidizing acids
Orange or yellow gauge case for indentification (OPT.)
Available with Silicone-free
PLUS!™ Performance
Custom dials available
1279 Pressure Gauge
With 510 Seal Assembly
KEY BENEFITS
• Tamper proof design, gauge welded to seal
• Visual indication of leaking process media
• Dual containment for safety
SPECIFICATIONS
Accuracy:
1259, 1279: ±1.0% of span
T6500: ±1.5% of span
Dial Sizes:
1259, 1279: 41/2˝
T6500: 100mm
Process Connection:
1
⁄2 NPT
Case Style:
Solid front with pressure relief back
Pointer:
Micrometer, adjustable, aluminum
Weather Protection:
Hermetically sealed: IP66
Diaphragm Seal Type:
510 Threaded or DF Flanged
Window Material:
1259: Safety glass (STD.) acrylic (OPT.)
1279: Safety glass (STD.), non-glare glass (OPT.)
or acrylic (OPT.)
T6500: Safety glass or polycarbonate (OPT.)
Tamper Proof Design:
Diaphragm seal welded to gauge socket
Pressure Rating (MAWP): Vac. to 1,500 psi @ 100°F
1,500 to 10,000 psi @ 100°F (OPT.)
NON-WETTED COMPONENTS
Models
Case
Ring
Back Cover
1259
PBT
PBT
PBT
1279
Phenolic
Polycarbonate
Polycarbonate
T6500
304 SS
304 SS
304 SS
WETTED COMPONENTS
Models
Diaphragm
Lower Housing
510
316L SS, Hastelloy® C-276 or Monel®
316 SS, Hastelloy® C-276
or Monel®
DF Flanged
316L SS, Hastelloy® C-276, Monel®
or Tantalum
N/A
NON-WETTED COMPONENTS
Models
Top Housing
Flange
510
316L Stainless steel, Monel®
—
DF Flanged
316L Stainless steel, Monel®
316L Stainless steel, Monel®
Consult material selector/corrosion guide at www.ashcroft.com for acid compatibility
ALD for gauge
ALD for gauge socket
to seal weld
ALD for top to lower
housing weld
1279
Pressure Gauge
With Flanged DF Seal Assembly
1259
Pressure Gauge
With 510 Seal Assembly
Acid Leak Detection (ALD) Assembly


Similar Part No. - 101S2MB1F

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
101S41 JOHANSON-101S41 Datasheet
130Kb / 4P
SURFACE MOUNT MLCCS 16 - 200 VDC
logo
Elma Electronic Ltd
101SBPJ203 ELMA-101SBPJ203 Datasheet
72Kb / 4P
J1, J2, J3 VME BACKPLANE
101SBPJ204 ELMA-101SBPJ204 Datasheet
72Kb / 4P
J1, J2, J3 VME BACKPLANE
101SBPJ205 ELMA-101SBPJ205 Datasheet
72Kb / 4P
J1, J2, J3 VME BACKPLANE
101SBPJ206 ELMA-101SBPJ206 Datasheet
72Kb / 4P
J1, J2, J3 VME BACKPLANE
More results

Similar Description - 101S2MB1F

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
F4655-01 HAMAMATSU-F4655-01 Datasheet
59Kb / 2P
WIDE DYNAMIC RANGE MCP ASSEMBLY FOR HELIUM LEAK DETECTOR
logo
Extech Instruments Corp...
CO52 EXTECH-CO52 Datasheet
235Kb / 2P
Gas Leak Detector
FG100 EXTECH-FG100 Datasheet
52Kb / 1P
Gas Leak Detector
logo
ams AG
HLS-440P AMSCO-HLS-440P Datasheet
487Kb / 23P
Automotive Hydrogen Leak Sensor
logo
Copal Electronics
WL10 COPAL-WL10 Datasheet
123Kb / 3P
LIQUID LEAK SENSORS
logo
Agilent(Hewlett-Packard...
HLDBR30 HP-HLDBR30 Datasheet
609Kb / 2P
Bench Helium Leak Detector
HLDPR02 HP-HLDPR02 Datasheet
197Kb / 2P
Portable Helium Leak Detector
logo
Panasonic Semiconductor
FX-301-F7 PANASONIC-FX-301-F7 Datasheet
618Kb / 6P
Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
EX-F70 PANASONIC-EX-F70 Datasheet
532Kb / 10P
Leak Detection Sensor
logo
Multi-Tech Systems, Inc...
86002266 MULTITECH-86002266 Datasheet
471Kb / 3P
LoRaWAN®Wireless Leak Detection Sensors
2023-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com