Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR1AM Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # BCR1AM
Description  Lead-Mount Triac 1 Ampere/400-600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR1AM Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  BCR1AM Datasheet HTML 1Page - Powerex Power Semiconductors BCR1AM Datasheet HTML 2Page - Powerex Power Semiconductors BCR1AM Datasheet HTML 3Page - Powerex Power Semiconductors BCR1AM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR1AM
Lead-Mount Triac
1 Ampere/400-600 Volts
0.4
1.2
2.0
2.8
3.6
4.4
MAXIMUM ON-STATE
CHARACTERISTICS
INSTANTANEOUS ON-STATE CURRENT, IT, (AMPERES)
10-1
100
101
102
Tj = 25
oC
0
2
4
6
8
10
MAXIMUM SURGE CURRENT
FOLLOWING RATED LOAD CONDITIONS
CYCLES AT 60 Hz
100
101
102
0
20
40
60
80
100
120
140
160
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
0.4
0.2
0.6
1.0
0.8
1.2
1.6
1.4
FOR AC CONTROL
THIS GRAPH NEARLY
APPLIES REGARDLESS
OF THE CONDUCTION
ANGLE
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
0
0.4
0.8
1.2
1.6
2.0
MAXIMUM ON-STATE
POWER DISSIPATION
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
2.0
1.6
1.2
0.8
0.4
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
GATE TRIGGER CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
101
102
103
IFGT I, IRGT I
IRGT III, IFGT III
GATE TRIGGER CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
101
102
103
VFGT I, VRGT I
VRGT III, VFGT III
CYCLES AT 60 Hz
10-1
100
102
103
101
102
100
101
102
103
104
JUNCTION-TO-AMBIENT
JUNCTION-TO-CASE
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION-TO-CASE, JUNCTION-TO-AMBIENT)
102
101
100
10-1
GATE CHARACTERISTICS
(I, II, III)
GATE CURRENT, IG, (mA)
101
100
102
103
VGD = 0.1V
VGM = 6V
IGM = 1A
IFGT III
PGM = 1W
PG(avg) = 0.1W
IRGT I,
IFGT I,
IRGT III
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
0.4
1.0
1.4
0.6
0.2
0.8
1.2
1.6
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
360
°
NATURAL CONVECTION, NO FIN
CURVES APPLY REGARDLESS
OF THE CONDUCTION ANGLE
360
°
T-3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com